Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILBBTADIO2 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # ILBBTADIO2
Description  Wireless IO module, 16 digital inputs, 16 digital outputs, 2 analog inputs, 2 analog outputs, Bluetooth V1.2; frequency band 2.4 GHz; 1 wireless interface; WLAN-BlackChannelList; LEM; transmission power max. 20 dBm adjustable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

ILBBTADIO2 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  ILBBTADIO2 Datasheet HTML 1Page - PHOENIX CONTACT ILBBTADIO2 Datasheet HTML 2Page - PHOENIX CONTACT ILBBTADIO2 Datasheet HTML 3Page - PHOENIX CONTACT ILBBTADIO2 Datasheet HTML 4Page - PHOENIX CONTACT ILBBTADIO2 Datasheet HTML 5Page - PHOENIX CONTACT ILBBTADIO2 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ILB BT ADIO 2/2/16/16 Order No.: 2884282
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2884282
PHOENIX CONTACT Deutschland GmbH
Page 4 / 6
http://www.phoenixcontact.de
Feb 8, 2011
Wireless licences
Australia (Special rule: Please contact the Product Manager)
Belgium
Bulgaria
Denmark
Germany
Estonia
Finland
France
Greece
Great Britain
Ireland
Iceland
Iceland
Italy
Canada
Latvia
Liechtenstein
Lithuania
Luxembourg
Malta
The Netherlands
Norway
Austria
Poland
Portugal
Romania
Russia (Special rule: Please contact the Product Manager)
Sweden
Switzerland
Singapore
Slovakia
Slovenia
Spain
Czech Republic
Turkey
Hungary
USA
Cyprus (rep.)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com