Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILBBTADIO2 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # ILBBTADIO2
Description  Wireless IO module, 16 digital inputs, 16 digital outputs, 2 analog inputs, 2 analog outputs, Bluetooth V1.2; frequency band 2.4 GHz; 1 wireless interface; WLAN-BlackChannelList; LEM; transmission power max. 20 dBm adjustable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

ILBBTADIO2 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  ILBBTADIO2 Datasheet HTML 1Page - PHOENIX CONTACT ILBBTADIO2 Datasheet HTML 2Page - PHOENIX CONTACT ILBBTADIO2 Datasheet HTML 3Page - PHOENIX CONTACT ILBBTADIO2 Datasheet HTML 4Page - PHOENIX CONTACT ILBBTADIO2 Datasheet HTML 5Page - PHOENIX CONTACT ILBBTADIO2 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ILB BT ADIO 2/2/16/16 Order No.: 2884282
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2884282
PHOENIX CONTACT Deutschland GmbH
Page 2 / 6
http://www.phoenixcontact.de
Feb 8, 2011
Transmission power
16 dBm (Can be set between 0 dBm/1 mW and 16 dBm/39.8 mW
in 4 dB increments)
Number of wireless interfaces
1
Wireless modules that can be connected
1 (FLM BT BS 3, FL BT MOD IO AP)
Profiles supported
HID
Wireless card
Number
1
Type
Bluetooth 2.4 GHz up to 1 Mbps
Assembly instructions
Permanently installed
Antenna
Assembly instructions
OMNI antenna is included
Number
1
Type of connection
SMA (male)
Power supply for module electronics
Type of connection
Inline connectors
Supply voltage
24 V DC
Supply voltage range
19.2 V DC ... 30 V DC (including ripple)
Supply current
< 100 mA
Functions
Security
128-bit data encryption
Authentication
PIN
Non-discoverable
Digital inputs
Input name
Digital inputs
Type of connection
Spring-cage connection
Connection method
1-wire
Number of inputs
16
Filter time
500 µs
Input characteristic curve
IEC 61131-2 type 1
Digital outputs
Output name
Digital outputs
Type of connection
Spring-cage connection



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com