Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8922B Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8922B
Description  2 X 50 W class-D power amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8922B Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8922B Datasheet HTML 9Page - NXP Semiconductors TDA8922B Datasheet HTML 10Page - NXP Semiconductors TDA8922B Datasheet HTML 11Page - NXP Semiconductors TDA8922B Datasheet HTML 12Page - NXP Semiconductors TDA8922B Datasheet HTML 13Page - NXP Semiconductors TDA8922B Datasheet HTML 14Page - NXP Semiconductors TDA8922B Datasheet HTML 15Page - NXP Semiconductors TDA8922B Datasheet HTML 16Page - NXP Semiconductors TDA8922B Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
9397 750 13357
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Preliminary data sheet
Rev. 01 — 1 October 2004
13 of 32
Philips Semiconductors
TDA8922B
2
× 50 W class-D power amplifier
12. Dynamic characteristics
12.1 Switching characteristics
12.2 Stereo and dual SE application
Table 8:
Switching characteristics
VDD = ±26 V; Tamb = 25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Internal oscillator
fosc
typical internal oscillator
frequency
ROSC = 30.0 kΩ
290
317
344
kHz
fosc(int)
internal oscillator
frequency range
210
-
600
kHz
External oscillator or frequency tracking
VOSC
high-level voltage on pin
OSC
SGND + 4.5 SGND + 5
SGND + 6
V
VOSC(trip)
trip level for tracking on
pin OSC
-
SGND + 2.5 -
V
ftrack
frequency range for
tracking
210
-
600
kHz
Table 9:
Stereo and dual SE application characteristics
VP = ±26 V; RL = 6 Ω; fi = 1 kHz; RsL < 0.1 Ω [1]; Tamb = 25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Po
output power
RL =4 Ω; VP = ±21 V
[2]
THD = 0.5 %
-
32
-
W
THD = 10 %
-
40
-
W
RL =6 Ω; VP = ±26 V
[2]
THD = 0.5 %
-
40
-
W
THD = 10 %
-
50
-
W
RL =8 Ω; VP = ±21 V
[2]
THD = 0.5 %
-
20
-
W
THD = 10 %
-
25
-
W
RL =8 Ω; VP = ±26 V
[2]
THD = 0.5 %
-
32
-
W
THD = 10 %
-
40
-
W
THD
total harmonic distortion
Po =1W
[3]
fi = 1 kHz
-
0.02
0.05
%
fi = 6 kHz
-
0.07
-
%
Gv(cl)
closed loop voltage gain
29
30
31
dB
SVRR
supply voltage ripple
rejection
operating
[4]
fi = 100 Hz
-
55
-
dB
fi = 1 kHz
40
50
-
dB
mute; fi = 100 Hz
[4] -55
-
dB
standby; fi = 100 Hz
[4] -80
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com