Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8922B Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA8922B
Description  2 X 50 W class-D power amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8922B Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA8922B Datasheet HTML 17Page - NXP Semiconductors TDA8922B Datasheet HTML 18Page - NXP Semiconductors TDA8922B Datasheet HTML 19Page - NXP Semiconductors TDA8922B Datasheet HTML 20Page - NXP Semiconductors TDA8922B Datasheet HTML 21Page - NXP Semiconductors TDA8922B Datasheet HTML 22Page - NXP Semiconductors TDA8922B Datasheet HTML 23Page - NXP Semiconductors TDA8922B Datasheet HTML 24Page - NXP Semiconductors TDA8922B Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
9397 750 13357
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Preliminary data sheet
Rev. 01 — 1 October 2004
21 of 32
Philips Semiconductors
TDA8922B
2
× 50 W class-D power amplifier
13.9 Curves measured in reference design
VP = ±26 V; 2 × 6 Ω SE configuration.
(1) f = 6 kHz.
(2) f = 1 kHz.
(3) f = 100 Hz.
VP = ±26 V; 2 × 8 Ω SE configuration.
(1) f = 6 kHz.
(2) f = 1 kHz.
(3) f = 100 Hz.
Fig 10. (THD + N)/S as a function of output power; SE
configuration with 2
× 6 Ω load.
Fig 11. (THD + N)/S as a function of output power; SE
configuration with 2
× 8 Ω load.
VP = ±21 V; 1 × 8 Ω BTL configuration.
(1) f = 6 kHz.
(2) f = 1 kHz.
(3) f = 100 Hz.
VP = ±26 V; 2 × 6 Ω SE configuration.
(1) Po =10W.
(2) Po =1W.
Fig 12. (THD + N)/S as a function of output power; BTL
configuration with 8
Ω load.
Fig 13. (THD + N)/S as function of frequency, SE
configuration with 2
× 6 Ω load.
Po (W)
10−2
103
102
10−1
10
1
001aab199
(2)
(3)
(1)
10−1
10−2
10
1
102
(THD
+ N)/S
(%)
10−3
001aab200
10−1
10−2
10
1
102
10−3
Po (W)
102
10
10−1
10−2
1
(2)
(3)
(1)
(THD
+ N)/S
(%)
Po (W)
10−2
103
102
10−1
10
1
001aab201
10−1
10−2
10
1
102
10−3
(2)
(3)
(1)
(THD
+ N)/S
(%)
001aab202
10−1
10−2
10
1
102
10−3
f (Hz)
10
105
104
102
103
(1)
(2)
(THD
+ N)/S
(%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com