Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC694LP4 Datasheet(PDF) 5 Page - Analog Devices

Part # HMC694LP4
Description  GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC694LP4 Datasheet(HTML) 5 Page - Analog Devices

  HMC694LP4 Datasheet HTML 1Page - Analog Devices HMC694LP4 Datasheet HTML 2Page - Analog Devices HMC694LP4 Datasheet HTML 3Page - Analog Devices HMC694LP4 Datasheet HTML 4Page - Analog Devices HMC694LP4 Datasheet HTML 5Page - Analog Devices HMC694LP4 Datasheet HTML 6Page - Analog Devices HMC694LP4 Datasheet HTML 7Page - Analog Devices HMC694LP4 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
12 - 5
12
HMC694LP4 / 694LP4E
v02.1108
GaAs MMIC ANALOG VARIABLE
GAIN AMPLIFIER, 6 - 17 GHz
Outline Drawing
nOTes:
1. leaDframe maTerial: COpper allOY
2. DimensiOns are in inCHes [millimeTers]
3. leaD spaCing TOleranCe is nOn-CUmUlaTiVe.
4. paD bUrr lengTH sHall be 0.15mm maXimUm.
paD bUrr HeigHT sHall be 0.05mm maXimUm.
5. paCKage Warp sHall nOT eXCeeD 0.05mm.
6. all grOUnD leaDs anD grOUnD paDDle mUsT be
sOlDereD TO pCb rf grOUnD.
7. refer TO HiTTiTe appliCaTiOn nOTe fOr sUggesTeD
lanD paTTern.
part number
package body material
lead finish
msl rating
package marking [3]
HmC694lp4
low stress injection molded plastic
sn/pb solder
msl1
[1]
H694
XXXX
HmC694lp4e
roHs-compliant low stress injection molded plastic
100% matte sn
msl1
[2]
H694
XXXX
[1] max peak reflow temperature of 235 °C
[2] max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
Absolute Maximum Ratings
Drain bias Voltage (Vdd1, 2, 3)
+5.5V
gate bias Voltage (Vgg1, 2)
-3 to 0V
gain Control Voltage (Vctrl)
-3 to 0V
rf power input
+5 dbm
Channel Temperature
175 °C
Continuous pdiss (T = 85 °C)
(derate 10.2 mW/°C above 85 °C) [1]
0.92 W
Thermal resistance
(Channel to ground paddle)
97.6 °C/W
storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
eleCTrOsTaTiC sensiTiVe DeViCe
ObserVe HanDling preCaUTiOns
Bias Voltage
Vdd1,2,3 (V)
idd Total (ma)
+5.0
170
Vgg1,2 (V)
igg Total (ma)
0V to -2V
<3 µa
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com