Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC694LP4 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC694LP4
Description  GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC694LP4 Datasheet(HTML) 1 Page - Analog Devices

  HMC694LP4 Datasheet HTML 1Page - Analog Devices HMC694LP4 Datasheet HTML 2Page - Analog Devices HMC694LP4 Datasheet HTML 3Page - Analog Devices HMC694LP4 Datasheet HTML 4Page - Analog Devices HMC694LP4 Datasheet HTML 5Page - Analog Devices HMC694LP4 Datasheet HTML 6Page - Analog Devices HMC694LP4 Datasheet HTML 7Page - Analog Devices HMC694LP4 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
12 - 1
12
HMC694LP4 / 694LP4E
v02.1108
Functional Diagram
The HmC694lp4(e) is a gaas mmiC pHemT analog
variable gain amplifier which operates between 6 and
17 gHz. ideal for microwave radio applications, the
amplifier provides up to 22 db of gain, output p1 db
of up to +22 dbm, and up to +30 dbm of output ip3
at maximum gain, while requiring only 175 ma from
a +5V supply. a gate bias pin (Vctrl) is provided to
allow variable gain control up to 23 db. gain flatness
is excellent making the HmC694lp4e ideal for eW,
eCm and radar applications. The HmC694lp4e is
housed in a roHs compliant 4x4 mm Qfn leadless
package and is compatible with high volume surface
mount manufacturing.
Typical Applications
Features
General Description
GaAs MMIC ANALOG VARIABLE
GAIN AMPLIFIER, 6 - 17 GHz
The HmC694lp4(e) is ideal for:
• point-to-point radio
• point-to-multi-point radio
• eW & eCm
• X-band radar
• Test equipment
Wide gain Control range: 23 db
single Control Voltage
Output ip3 @ max gain: +30 dbm
Output p1db: +22 dbm
no external matching
24 lead 4x4 mm smT package: 16 mm2
Electrical Specifications, T
A = +25°C, Vdd1, 2, 3= 5V, Vctrl= -2V, Idd= 170 mA*
parameter
min.
Typ.
max.
min.
Typ.
max.
Units
frequency range
6 - 10
10 - 17
gHz
gain
19
22
14
18
db
gain flatness
±1
±1.5
db
gain Variation Over Temperature
0.015
0.015
db/ °C
gain Control range
23
20
db
noise figure
6
7.5
6
6.5
db
input return loss
15
8
db
Output return loss
10
8
db
Output power for 1 db Compression (p1db)
19
21
21
22
dbm
saturated Output power (psat)
22
23
dbm
Output Third Order intercept (ip3)
30
30
dbm
Total supply Current (idd)
175
175
ma
*set Vctrl = -2V and then adjust Vgg1, 2 between -2V to 0V (typ. -0.8V) to achieve idd = 170ma typical.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC694LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC694LP4 HITTITE-HMC694LP4 Datasheet
560Kb / 8P
GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 6 - 17 GHz
More results

Similar Description - HMC694LP4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA2031 PHILIPS-BGA2031 Datasheet
67Kb / 12P
MMIC variable gain amplifier
1999 Jul 23
logo
Siemens Semiconductor G...
CGY121A SIEMENS-CGY121A Datasheet
94Kb / 8P
GaAs MMIC (Variable gain amplifier MMIC-Amplifier for mobile communication Typical Gain Control range over 50dB)
CGY121B SIEMENS-CGY121B Datasheet
93Kb / 8P
GaAs MMIC (Variable gain amplifier MMIC-Amplifier for mobile communication Gain Control range over 50dB)
logo
Hittite Microwave Corpo...
HMC972LP5E HITTITE-HMC972LP5E Datasheet
1Mb / 10P
GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 0.5 - 6.0 GHz
HMC694 HITTITE-HMC694 Datasheet
551Kb / 8P
GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 6 - 17 GHz
HMC694LP4 HITTITE-HMC694LP4 Datasheet
560Kb / 8P
GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 6 - 17 GHz
logo
RF Micro Devices
RFVA1017 RFMD-RFVA1017 Datasheet
1Mb / 9P
ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
logo
NXP Semiconductors
BGA2031 PHILIPS-BGA2031_1 Datasheet
315Kb / 11P
MMIC variable gain amplifier
2001 Feb 05
logo
Analog Devices
HMC694 AD-HMC694 Datasheet
466Kb / 8P
GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER
logo
NXP Semiconductors
BGA2031 NXP-BGA2031 Datasheet
315Kb / 11P
MMIC variable gain amplifier
2001 Feb 05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com