Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X76F641 Datasheet(PDF) 7 Page - Xicor Inc.

Part # X76F641
Description  Secure SerialFlash
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X76F641 Datasheet(HTML) 7 Page - Xicor Inc.

Back Button X76F641 Datasheet HTML 3Page - Xicor Inc. X76F641 Datasheet HTML 4Page - Xicor Inc. X76F641 Datasheet HTML 5Page - Xicor Inc. X76F641 Datasheet HTML 6Page - Xicor Inc. X76F641 Datasheet HTML 7Page - Xicor Inc. X76F641 Datasheet HTML 8Page - Xicor Inc. X76F641 Datasheet HTML 9Page - Xicor Inc. X76F641 Datasheet HTML 10Page - Xicor Inc. X76F641 Datasheet HTML 11Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
X76F641
7
Figure 5. Acknowledge Polling
8th clk.
of 8th
pwd. byte
‘ACK’
clk
8th
clk
‘ACK’
clk
‘ACK’
START
condition
8th bit
ACK or
no ACK
SCL
SDA
7025 FM 10
READ OPERATIONS
Read operations are initiated in the same manner as write
operations but with a different command code.
Random Read
The master issues the start condition and a Read instruc-
tion and password, performs a Password Ack Polling, then
issues the word address. Once the password has been
acknowledged and first byte has been read, another start
can be issued followed by a new 8-bit address. Random
reads are allowed, but only the low order 8 bits can
change. This limits random reads to a 256 byte block.
Therefore, with a single password cycle only a 256 byte
block of array 0 may be accessed randomly. To randomly
access another block of array 0, a stop must be issued fol-
lowed by a new command/address/password sequence.
A random read of the array 1 can access all locations with-
out another password command sequence.
Sequential Read
The host can read sequentially within an array after the
password acceptance sequence. The data output is
sequential, with the data from address n followed by the
data from n+1. The address counter for read operations
increments all address bits, allowing the entire memory
array contents to be serially read during one operation. At
the end of the address space (address 1FFFh for array 0,
1Fh for array 1), the counter “rolls over” to address 0 and
the X76F641 continues to output data for each acknowl-
edge received. Refer to figure 7 for the address, acknowl-
edge and data transfer sequence. An acknowledge must
follow each 8-bit data transfer. After the last bit has been
read, a stop condition is generated without a preceding
acknowledge.
Figure 6. Random Read
S
Data Y
S
COMMAND
Read
Password
7
Read
Password
0
S
SDA
Data X
Wait tWC
OR
ACK POLLING
S
ACK Polling
Repeated
COMMAND
Command
If ACK, then
Password Matches
7025 FM 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com