Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X76F641 Datasheet(PDF) 8 Page - Xicor Inc.

Part # X76F641
Description  Secure SerialFlash
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X76F641 Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X76F641 Datasheet HTML 4Page - Xicor Inc. X76F641 Datasheet HTML 5Page - Xicor Inc. X76F641 Datasheet HTML 6Page - Xicor Inc. X76F641 Datasheet HTML 7Page - Xicor Inc. X76F641 Datasheet HTML 8Page - Xicor Inc. X76F641 Datasheet HTML 9Page - Xicor Inc. X76F641 Datasheet HTML 10Page - Xicor Inc. X76F641 Datasheet HTML 11Page - Xicor Inc. X76F641 Datasheet HTML 12Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
X76F641
8
Figure 7. Sequential Read
Data X
S
COMMAND
Read
Password
7
Read
Password
0
S
SDA
Data 0
If ACK, then
Wait tWC
OR
ACK POLLING
S
ACK Polling
Repeated
COMMAND
Command
Password Matches
7025 FM 12
PASSWORDS
The sequence in Figure 8 shows how to change (pro-
gram) the passwords. The programming of passwords is
done twice prior to the nonvolatile write cycle in order to
verify that the new password is consistent. After the eight
bytes are entered in the second pass, a comparison
takes place. A mismatch will cause the part to reset and
enter into the standby mode.
Data ACK polling can be used to determine if a password
has been loaded correctly, however the data ACK com-
mand must be issued less than 2ms after the stop bit.
After this time, it cannot be determined if the password
has been loaded correctly, without trying the new pass-
word. To determine if the new password has been loaded
correctly the data ACK polling command is issued imme-
diately following the stop bit. If it returns an ACK, then the
two passes of the new password entry do not match. If it
returns a "no ACK" then the passwords match and a high
voltage cycle is in progress. The high voltage cycle is
complete when a subsequent data ACK command
returns an "ACK".
There is no way to read any of the passwords.
Figure 8. Change Passwords
COMMAND
Old
Password
7
Old
Password
0
S
SDA
New
Password
7
Password
0
New
Password
7
New
Password
0
S
If ACK, then
Two bytes of “0”
Wait tWC
OR
ACK POLLING
S
ACK Polling
Repeated
COMMAND
Command
Password Matches
If immediate ACK,
then New Password error
Data ACK
Polling
If immediate NACK,
then New Password OK
followed by ACK after ~5ms
7025 FM 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com