Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT28C16-20PC Datasheet(PDF) 2 Page - Force Technologies Ltd

Part # FT28C16-20PC
Description  Parallel EEPRO M 16K (2Kx8)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT28C16-20PC Datasheet(HTML) 2 Page - Force Technologies Ltd

  FT28C16-20PC Datasheet HTML 1Page - Force Technologies Ltd FT28C16-20PC Datasheet HTML 2Page - Force Technologies Ltd FT28C16-20PC Datasheet HTML 3Page - Force Technologies Ltd FT28C16-20PC Datasheet HTML 4Page - Force Technologies Ltd FT28C16-20PC Datasheet HTML 5Page - Force Technologies Ltd FT28C16-20PC Datasheet HTML 6Page - Force Technologies Ltd FT28C16-20PC Datasheet HTML 7Page - Force Technologies Ltd FT28C16-20PC Datasheet HTML 8Page - Force Technologies Ltd FT28C16-20PC Datasheet HTML 9Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
The FT28C16 is accessed like a static RAM for the read or
write cycles without the need of external components. Dur-
ing a byte write, the address and data are latched inter-
nally, freeing the microprocessor address and data bus for
other operations. Following the initiation of a write cycle,
the device will go to a busy state and automatically clear
and write the latched data using an internal control timer.
The end of a write cycle can be determined by DATA
POLLING of I/O7. Once the end of a write cycle has been
detected, a new access for a read or a write can begin.
The CMOS technology offers fast access times of 150 ns at
low power dissipation. When the chip is deselected the
standby current is less than 100 µA.
Force's 28C16 has additional features to ensure high qual-
ity and manufacturability. The device utilises error correc-
tion internally for extended endurance and for improved
data retention characteristics. An ex tra 32 by tes of
EEPROM are available for device identification or tracking.
Block Diagram
Absolute Maximum Ratings*
Temperature Under Bias................................ -55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability
Storage Temperature ..................................... -65°C to +150°C
All Input Voltages (including NC Pins)
with Respect to Ground ...................................-0.6V to +6.25V
All Output Voltages
with Respect to Ground .............................-0.6V to VCC + 0.6V
Voltage on OE and A9
with Respect to Ground ...................................-0.6V to +13.5V
FT28C16
Parallel EEPROM 16K (2Kx8)
Rev 2
2/12
2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com