Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT28C16-20PC Datasheet(PDF) 4 Page - Force Technologies Ltd

Part # FT28C16-20PC
Description  Parallel EEPRO M 16K (2Kx8)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT28C16-20PC Datasheet(HTML) 4 Page - Force Technologies Ltd

  FT28C16-20PC Datasheet HTML 1Page - Force Technologies Ltd FT28C16-20PC Datasheet HTML 2Page - Force Technologies Ltd FT28C16-20PC Datasheet HTML 3Page - Force Technologies Ltd FT28C16-20PC Datasheet HTML 4Page - Force Technologies Ltd FT28C16-20PC Datasheet HTML 5Page - Force Technologies Ltd FT28C16-20PC Datasheet HTML 6Page - Force Technologies Ltd FT28C16-20PC Datasheet HTML 7Page - Force Technologies Ltd FT28C16-20PC Datasheet HTML 8Page - Force Technologies Ltd FT28C16-20PC Datasheet HTML 9Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
DC and AC Operating Range
FT28C16
Operating
Temperature (Case)
Com.
0°C - 70°C
Ind.
-40°C - 85°C
Operating Modes
Mode
CE
OE
WE
I/O
Read
VIL
VIL
VIH
DOUT
Write(2)
VIL
VIH
VIL
DIN
Standby/Write Inhibit
VIH
X(1)
XHigh Z
Write Inhibit
X
X
VIH
Write Inhibit
X
VIL
X
Output Disable
X
VIH
XHigh Z
Chip Erase
VIL
VH(3)
VIL H
igh Z
DC Characteristics
Symbol
Parameter
Condition
Min
Max
Units
ILI
Input Load Current
VIN = 0V to VCC + 1V
10
µA
ILO
Output Leakage Current
VI/O = 0V to VCC
10
µA
ISB1
VCC Standby Current CMOS
CE = VCC - 0.3V to VCC + 1.0V
100
µA
ISB2
VCC Standby Current TTL
CE = 2.0V to VCC + 1.0V
Com.
2
mA
Ind.
3
mA
ICC
VCC Active Current AC
f = 5 MHz; IOUT = 0 mA
CE = VIL
Com.
30
mA
Ind.
45
mA
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.0
V
VOL
Output Low Voltage
IOL = 2.1 mA
.4
V
VOH
Output High Voltage
IOH = -400 µA2.4V
FT28C16
Parallel EEPROM 16K (2Kx8)
Mil
5V ± 10%
Vcc Power Supply
-55°C - 125°C
Rev 2
4/12
2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com