Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT6163L-35JMBLF Datasheet(PDF) 6 Page - Force Technologies Ltd

Part # FT6163L-35JMBLF
Description  Ultra High Speed 8K x 9 Static Cmos Rams
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT6163L-35JMBLF Datasheet(HTML) 6 Page - Force Technologies Ltd

Back Button FT6163L-35JMBLF Datasheet HTML 2Page - Force Technologies Ltd FT6163L-35JMBLF Datasheet HTML 3Page - Force Technologies Ltd FT6163L-35JMBLF Datasheet HTML 4Page - Force Technologies Ltd FT6163L-35JMBLF Datasheet HTML 5Page - Force Technologies Ltd FT6163L-35JMBLF Datasheet HTML 6Page - Force Technologies Ltd FT6163L-35JMBLF Datasheet HTML 7Page - Force Technologies Ltd FT6163L-35JMBLF Datasheet HTML 8Page - Force Technologies Ltd FT6163L-35JMBLF Datasheet HTML 9Page - Force Technologies Ltd FT6163L-35JMBLF Datasheet HTML 10Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
-25
-35
-45
Min Max Min Max Min Max
t
WC
Write Cycle Time
25
35
45
ns
t
CW
Chip Enable
18
25
33
ns
Time to End of Write
t
AW
Address Valid to
18
25
33
ns
End of Write
t
AS
Address Set-up Time
0
0
0
ns
t
WP
Write Pulse Width
18
20
25
ns
t
AH
Address Hold Time
0
0
0
ns
t
DW
Data Valid to End
13
15
20
ns
of Write
t
DH
Data Hold Time
0
0
0
ns
t
WZ
Write Enable to
10
14
18
ns
Output in High Z
t
OW
Output Active
3
5
5
ns
from End of Write
AC CHARACTERISTICS—WRITE CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
Symbol
Parameter
Unit
WRITE CYCLE NO. 1 (WE
WE
WE
WE
WE CONTROLLED)(11)
Notes:
11. CE
1 and WE must be LOW, and CE2 HIGH for WRITE cycle.
12. OE is LOW for this WRITE cycle to show t
WZ and tOW.
13. If CE
1 goes HIGH, or CE2 goes LOW, simultaneously with WE
HIGH, the output remains in a low impedance state.
14. Write Cycle Time is measured from the last valid address to the first
transitioning address.
REV 1.2
6/13
2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com