Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT6163L-35JMBLF Datasheet(PDF) 4 Page - Force Technologies Ltd

Part # FT6163L-35JMBLF
Description  Ultra High Speed 8K x 9 Static Cmos Rams
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT6163L-35JMBLF Datasheet(HTML) 4 Page - Force Technologies Ltd

  FT6163L-35JMBLF Datasheet HTML 1Page - Force Technologies Ltd FT6163L-35JMBLF Datasheet HTML 2Page - Force Technologies Ltd FT6163L-35JMBLF Datasheet HTML 3Page - Force Technologies Ltd FT6163L-35JMBLF Datasheet HTML 4Page - Force Technologies Ltd FT6163L-35JMBLF Datasheet HTML 5Page - Force Technologies Ltd FT6163L-35JMBLF Datasheet HTML 6Page - Force Technologies Ltd FT6163L-35JMBLF Datasheet HTML 7Page - Force Technologies Ltd FT6163L-35JMBLF Datasheet HTML 8Page - Force Technologies Ltd FT6163L-35JMBLF Datasheet HTML 9Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Symbol
Parameter
Unit
-25
-35
-45
Min Max Min Max Min Max
t
RC
Read Cycle Time
25
35
45
ns
t
AA
Address Access Time
25
35
45
ns
t
AC
Chip Enable
25
35
45
ns
Access Time
t
OH
Output Hold from
3
3
3
ns
Address Change
t
LZ
Chip Enable to
3
3
3
ns
Output in Low Z
t
HZ
Chip Disable to
10
15
20
ns
Output in High Z
t
OE
Output Enable
13
18
20
ns
Low to Data Valid
t
OLZ
Output Enable
3
3
3
ns
Low to Low Z
t
OHZ
Output Enable
12
15
20
ns
High to High Z
t
PU
Chip Enable to
0
0
0
ns
Power Up Time
t
PD
Chip Disable to
20
20
25
ns
Power Down Time
AC ELECTRICAL CHARACTERISTICS—READ CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
READ CYCLE NO. 1 (OE
OE
OE
OE
OE CONTROLLED)(5)
Notes:
5. WE is HIGH for READ cycle.
6. CE
1 is LOW, CE2 is HIGH and OE is LOW for READ cycle.
7. ADDRESS must be valid prior to, or coincident with CE
1 transition
LOW and CE
2 transition HIGH.
8. Transition is measured ± 200mV from steady state voltage prior to
change, with loading as specified in Figure 1. This parameter is
sampled and not 100% tested.
REV 1.2
4/13
2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com