Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7720FDWR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7720FDWR
Description  High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7720FDWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO7720FDWR Datasheet HTML 17Page - Texas Instruments ISO7720FDWR Datasheet HTML 18Page - Texas Instruments ISO7720FDWR Datasheet HTML 19Page - Texas Instruments ISO7720FDWR Datasheet HTML 20Page - Texas Instruments ISO7720FDWR Datasheet HTML 21Page - Texas Instruments ISO7720FDWR Datasheet HTML 22Page - Texas Instruments ISO7720FDWR Datasheet HTML 23Page - Texas Instruments ISO7720FDWR Datasheet HTML 24Page - Texas Instruments ISO7720FDWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
VCC1
VCC2
GND1
GND2
INA
14
13
12
1, 7
9, 16
4
XOUT
XIN
5
6
2
MSP430G2132
OUTA
3
4
5
ISO7721
DVSS
DVCC
INB
OUTB
P3.0
P3.1
11
12
10 F
VS
0.1 F
MBR0520L
MBR0520L
1:1.33
0.1 F
3
1
D2
SN6501
D1
VCC
4, 5
2
GND
3.3 V
IN
EN
GND
OUT
1
5
2
3
TPS76333
10 F
3.3VISO
10 F
ISO Barrier
0.1 F
0.1 F
0.1 F
0.1 F
3
VD
COMA
BASE
LOW
10
8
ERRLVL
DBACK
16
DIN
DAC161P997
OUT
9
C1
14
15
VA
COMD
2
C2
13
C3
12
3 × 2.2 nF
5
4
20
0.1 F
22
0.1 F
1 F
LOOP±
LOOP+
1
Copyright © 2017, Texas Instruments Incorporated
21
ISO7720, ISO7721
www.ti.com
SLLSEP3C – NOVEMBER 2016 – REVISED JULY 2018
Product Folder Links: ISO7720 ISO7721
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant the accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The ISO772x devices are high-performance, dual-channel digital isolators. The devices use single-ended CMOS-
logic switching technology. The supply voltage range is from 2.25 V to 5.5 V for both supplies, VCC1 and VCC2.
When designing with digital isolators, keep in mind that because of the single-ended design structure, digital
isolators do not conform to any specific interface standard and are only intended for isolating single-ended
CMOS or TTL digital signal lines. The isolator is typically placed between the data controller (that is, μC or
UART), and a data converter or a line transceiver, regardless of the interface type or standard.
9.2 Typical Application
The ISO7721 device can be used with Texas Instruments' mixed signal microcontroller, digital-to-analog
converter, transformer driver, and voltage regulator to create an isolated 4-mA to 20-mA current loop.
Figure 21. Isolated 4-mA to 20-mA Current Loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com