Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7720FDWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7720FDWR
Description  High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7720FDWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO7720FDWR Datasheet HTML 4Page - Texas Instruments ISO7720FDWR Datasheet HTML 5Page - Texas Instruments ISO7720FDWR Datasheet HTML 6Page - Texas Instruments ISO7720FDWR Datasheet HTML 7Page - Texas Instruments ISO7720FDWR Datasheet HTML 8Page - Texas Instruments ISO7720FDWR Datasheet HTML 9Page - Texas Instruments ISO7720FDWR Datasheet HTML 10Page - Texas Instruments ISO7720FDWR Datasheet HTML 11Page - Texas Instruments ISO7720FDWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
8
ISO7720, ISO7721
SLLSEP3C – NOVEMBER 2016 – REVISED JULY 2018
www.ti.com
Product Folder Links: ISO7720 ISO7721
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
6.7 Safety-Related Certifications
DWV package certifications are planned; all other certifications are complete.
VDE
CSA
UL
CQC
TUV
Certified according to DIN V
VDE V 0884-11:2017-01
Certified according to
IEC 60950-1, IEC
62368-1, IEC 61010-1,
and IEC 60601-1
Certified according to UL
1577 Component
Recognition Program
Certified according to
GB4943.1-2011
Certified according to
EN 61010-1:2010 (3rd
Ed) and EN 60950-
1:2006/A11:2009/A1:201
0/A12:2011/A2:2013
Maximum transient isolation
voltage, 8000 VPK (DW-16,
Reinforced) and 4242 VPK
(D-8);
Maximum repetitive peak
isolation voltage, 1414 VPK
(DW-16, Reinforced) and
637 VPK (D-8);
Maximum surge isolation
voltage, 8000 VPK (DW-16,
Reinforced) and 5000 VPK
(D-8)
Reinforced insulation
per CSA 60950-1-
07+A1+A2 and IEC
60950-1 2nd Ed.,
800 VRMS (DW-16) and
400 VRMS (D-8) max
working voltage
(pollution degree 2,
material group I);
DW-16: Single
protection, 5000 VRMS;
D-8: Single protection,
3000 VRMS
DW-16: Reinforced
Insulation, Altitude
≤ 5000
m, Tropical Climate, 700
VRMS maximum working
voltage;
D-8: Basic Insulation,
Altitude
≤ 5000 m, Tropical
Climate, 400 VRMS maximum
working voltage
5000 VRMS (DW-16) and
3000 VRMS (D-8)
Reinforced insulation
per EN 61010-1:2010
(3rd Ed) up to working
voltage of 600 VRMS
(DW-16) and 300 VRMS
(D-8)
2 MOPP (Means of
Patient Protection) per
CSA 60601-1:14 and
IEC 60601-1 Ed. 3.1,
250 VRMS (DW-16) max
working voltage
5000 VRMS (DW-16) and
3000 VRMS (D-8)
Reinforced insulation
per EN 60950-
1:2006/A11:2009/A1:201
0/A12:2011/A2:2013 up
to working voltage of
800 VRMS (DW-16) and
400 VRMS (D-8)
Certificate number:
40040142
Master contract number:
220991
File number: E181974
Certificate number:
CQC15001121716 (DW-16),
CQC15001121656 (D-8)
Client ID number: 77311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com