Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMRF1304LR5 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MMRF1304LR5
Description  RF Power LDMOS Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1304LR5 Datasheet(HTML) 2 Page - NXP Semiconductors

  MMRF1304LR5 Datasheet HTML 1Page - NXP Semiconductors MMRF1304LR5 Datasheet HTML 2Page - NXP Semiconductors MMRF1304LR5 Datasheet HTML 3Page - NXP Semiconductors MMRF1304LR5 Datasheet HTML 4Page - NXP Semiconductors MMRF1304LR5 Datasheet HTML 5Page - NXP Semiconductors MMRF1304LR5 Datasheet HTML 6Page - NXP Semiconductors MMRF1304LR5 Datasheet HTML 7Page - NXP Semiconductors MMRF1304LR5 Datasheet HTML 8Page - NXP Semiconductors MMRF1304LR5 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
RF Device Data
Freescale Semiconductor, Inc.
MMRF1304LR5
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain--Source Voltage
VDSS
--0.5, +133
Vdc
Gate--Source Voltage
VGS
--6.0, +10
Vdc
Storage Temperature Range
Tstg
--65 to +150
C
Case Operating Temperature Range
TC
--40 to +150
C
Operating Junction Temperature Range (1,2)
TJ
--40 to +225
C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (2)
Unit
Thermal Resistance, Junction to Case
CW: Case Temperature 81C, 25 W CW, 50 Vdc, IDQ = 10 mA, 512 MHz
RJC
1.4
C/W
Thermal Impedance, Junction to Case
Pulse: Case Temperature 77C, 25 W Peak, 100 sec Pulse Width,
20% Duty Cycle, 50 Vdc, IDQ = 10 mA, 512 MHz
ZJC
0.32
C/W
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22--A114)
2, passes 2000 V
Machine Model (per EIA/JESD22--A115)
B, passes 200 V
Charge Device Model (per JESD22--C101)
IV, passes 1200 V
Table 4. Electrical Characteristics (TA =25C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics
Gate--Source Leakage Current
(VGS =5 Vdc, VDS =0 Vdc)
IGSS
—
—
400
nAdc
Drain--Source Breakdown Voltage
(VGS =0 Vdc, ID =50 mA)
V(BR)DSS
133
140
—
Vdc
Zero Gate Voltage Drain Leakage Current
(VDS =50 Vdc, VGS =0 Vdc)
IDSS
—
—
2
Adc
Zero Gate Voltage Drain Leakage Current
(VDS = 100 Vdc, VGS =0 Vdc)
IDSS
—
—
7
Adc
On Characteristics
Gate Threshold Voltage
(VDS =10 Vdc, ID =85 Adc)
VGS(th)
1.5
2.0
2.5
Vdc
Gate Quiescent Voltage
(VDD =50 Vdc, ID = 10 mAdc, Measured in Functional Test)
VGS(Q)
2.0
2.4
3.0
Vdc
Drain--Source On--Voltage
(VGS =10 Vdc, ID = 210 mAdc)
VDS(on)
—
0.23
—
Vdc
Dynamic Characteristics
Reverse Transfer Capacitance
(VDS =50 Vdc  30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Crss
—
0.17
—
pF
Output Capacitance
(VDS =50 Vdc  30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Coss
—
14.7
—
pF
Input Capacitance
(VDS =50 Vdc, VGS =0 Vdc  30 mV(rms)ac @ 1 MHz)
Ciss
—
39.0
—
pF
1. Continuous use at maximum temperature will affect MTTF.
2. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf. Select
Documentation/Application Notes -- AN1955.
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com