Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C13117 Datasheet(PDF) 7 Page - Ledil, Inc.

Part # C13117
Description  ~18째 smooth spot beam
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13117 Datasheet(HTML) 7 Page - Ledil, Inc.

Back Button C13117 Datasheet HTML 3Page - Ledil, Inc. C13117 Datasheet HTML 4Page - Ledil, Inc. C13117 Datasheet HTML 5Page - Ledil, Inc. C13117 Datasheet HTML 6Page - Ledil, Inc. C13117 Datasheet HTML 7Page - Ledil, Inc. C13117 Datasheet HTML 8Page - Ledil, Inc. C13117 Datasheet HTML 9Page - Ledil, Inc. C13117 Datasheet HTML 10Page - Ledil, Inc. C13117 Datasheet HTML 11Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
PRODUCT
DATASHEET
C13117_LENA-SS
PHOTOMETRIC DATA (MEASURED):
LED
CLL04x/CLU04x
FWHM
20.0°
Efficiency
87 %
Peak intensity
4.500 cd/lm
Required components:
C13867_LENA-STD-BASE-VERO29
Bender Wirth: 431 Typ L3
LED
CLL04x/CLU04x
FWHM
24.0°
Efficiency
77 %
Peak intensity
2.950 cd/lm
Required components:
C12692_LENA-STD-BASE-CLL040
C11996_LENA-LENS
LED
CLL04x/CLU04x
FWHM
22.0°
Efficiency
82 %
Peak intensity
3.850 cd/lm
Required components:
C12692_LENA-STD-BASE-CLL040
LED
CLL04x/CLU04x
FWHM
23.0°
Efficiency
82 %
Peak intensity
3.100 cd/lm
Required components:
C13867_LENA-STD-BASE-VERO29
C11996_LENA-LENS
Bender Wirth: 431 Typ L3
Last update: 23/05/2018
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
7/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com