Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C13117 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C13117
Description  ~18째 smooth spot beam
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13117 Datasheet(HTML) 1 Page - Ledil, Inc.

  C13117 Datasheet HTML 1Page - Ledil, Inc. C13117 Datasheet HTML 2Page - Ledil, Inc. C13117 Datasheet HTML 3Page - Ledil, Inc. C13117 Datasheet HTML 4Page - Ledil, Inc. C13117 Datasheet HTML 5Page - Ledil, Inc. C13117 Datasheet HTML 6Page - Ledil, Inc. C13117 Datasheet HTML 7Page - Ledil, Inc. C13117 Datasheet HTML 8Page - Ledil, Inc. C13117 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
PRODUCT
DATASHEET
C13117_LENA-SS
LENA-SS
~18° smooth spot beam
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 111.0 mm
Height
80 mm
Fastening
socket
Colour
metal
Box size
400 x 280 x 380 mm
Box weight
4.1 kg
Quantity in Box
60 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Coating
LENA-SS
Reflector
PC
metal
lacquer
Last update: 23/05/2018
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/23


Similar Part No. - C13117

ManufacturerPart #DatasheetDescription
logo
Bi technologies
C131102JCG1 BITECH-C131102JCG1 Datasheet
46Kb / 3P
Single-In-Line Conformal Coated Capacitor Networks
C131102JCG2 BITECH-C131102JCG2 Datasheet
46Kb / 3P
Single-In-Line Conformal Coated Capacitor Networks
C131102JCG5 BITECH-C131102JCG5 Datasheet
46Kb / 3P
Single-In-Line Conformal Coated Capacitor Networks
C131102JX7R1 BITECH-C131102JX7R1 Datasheet
46Kb / 3P
Single-In-Line Conformal Coated Capacitor Networks
C131102JX7R2 BITECH-C131102JX7R2 Datasheet
46Kb / 3P
Single-In-Line Conformal Coated Capacitor Networks
More results

Similar Description - C13117

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10321 LEDIL-CA10321 Datasheet
2Mb / 4P
~9째 smooth spot beam
FCP14966 LEDIL-FCP14966 Datasheet
6Mb / 7P
~18째 diffused spot beam
FCP15343 LEDIL-FCP15343 Datasheet
6Mb / 6P
~16째 smooth spot beam
FCP15345 LEDIL-FCP15345 Datasheet
6Mb / 5P
~18째 diffused spot beam
CP14996 LEDIL-CP14996 Datasheet
8Mb / 8P
~18째 diffused spot beam
FCA15450 LEDIL-FCA15450_18 Datasheet
7Mb / 6P
~18째 diffused spot beam
C16255 LEDIL-C16255 Datasheet
2Mb / 4P
~14째 smooth spot beam
C10891 LEDIL-C10891 Datasheet
3Mb / 7P
~18째 spot beam
CP12634 LEDIL-CP12634 Datasheet
2Mb / 6P
~11째 smooth spot beam
C11192 LEDIL-C11192 Datasheet
2Mb / 9P
~12째 smooth spot beam
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com