Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCMP580 Datasheet(PDF) 4 Page - Analog Devices

Part # ADCMP580
Description  Ultrafast SiGe Voltage Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP580 Datasheet(HTML) 4 Page - Analog Devices

  ADCMP580_16 Datasheet HTML 1Page - Analog Devices ADCMP580_16 Datasheet HTML 2Page - Analog Devices ADCMP580_16 Datasheet HTML 3Page - Analog Devices ADCMP580_16 Datasheet HTML 4Page - Analog Devices ADCMP580_16 Datasheet HTML 5Page - Analog Devices ADCMP580_16 Datasheet HTML 6Page - Analog Devices ADCMP580_16 Datasheet HTML 7Page - Analog Devices ADCMP580_16 Datasheet HTML 8Page - Analog Devices ADCMP580_16 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADCMP580/ADCMP581/ADCMP582
Data Sheet
Rev. B | Page 4 of 16
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
ADCMP582 (PECL)
VCCO = 3.3 V
Output Voltage High Level
VOH
50 Ω to VCCO − 2 V, TA = 125°C
VCCO − 0.99
VCCO − 0.87
VCCO − 0.75
V
Output Voltage High Level
VOH
50 Ω to VCCO − 2 V, TA = 25°C
VCCO − 1.06
VCCO − 0.94
VCCO − 0.82
V
Output Voltage High Level
VOH
50 Ω to VCCO − 2 V, TA = −55°C
VCCO − 1.11
VCCO − 0.99
VCCO − 0.87
V
Output Voltage Low Level
VOL
50 Ω to VCCO − 2 V, TA = 125°C
VCCO − 1.43
VCCO − 1.26
VCCO − 1.13
V
Output Voltage Low Level
VOL
50 Ω to VCCO − 2 V, TA = 25°C
VCCO − 1.50
VCCO − 1.33
VCCO − 1.20
V
Output Voltage Low Level
VOL
50 Ω to VCCO − 2 V, TA = −55°C
VCCO − 1.55
VCCO − 1.35
VCCO − 1.25
V
Output Voltage Differential
50 Ω to VCCO − 2.0 V
340
395
450
mV
AC PERFORMANCE
Propagation Delay
tPD
VOD = 500 mV
180
ps
Propagation Delay Temperature Coefficient
ΔtPD/dT
0.25
ps/°C
Propagation Delay Skew—Rising
Transition to Falling Transition
VOD = 500 mV, 5 V/ns
10
ps
Overdrive Dispersion
50 mV < VOD < 1.0 V
10
ps
10 mV < VOD < 200 mV
15
ps
Slew Rate Dispersion
2 V/ns to 10 V/ns
15
ps
Pulse Width Dispersion
100 ps to 5 ns
15
ps
Duty Cycle Dispersion 5% to 95%
1.0 V/ns, 15 MHz, VCM = 0.0 V
10
ps
Common-Mode Dispersion
VOD = 0.2 V, −2 V < VCM < 3 V
5
ps/V
Equivalent Input Bandwidth1
BWEQ
0.0 V to 400 mV input,
tR = tF = 25 ps, 20/80
8
GHz
Toggle Rate
>50% output swing
12.5
Gbps
Deterministic Jitter
DJ
VOD = 500 mV, 5 V/ns,
PRBS31 − 1 NRZ, 5 Gbps
15
ps
Deterministic Jitter
DJ
VOD = 200 mV, 5 V/ns,
PRBS31 − 1 NRZ, 10 Gbps
25
ps
RMS Random Jitter
RJ
VOD = 200 mV, 5 V/ns, 1.25 GHz
0.2
ps
Minimum Pulse Width
PWMIN
ΔtPD < 5 ps
100
ps
Minimum Pulse Width
PWMIN
ΔtPD < 10 ps
80
ps
Rise/Fall Time
tR, tF
20/80
37
ps
POWER SUPPLY
Positive Supply Voltage
VCCI
+4.5
+5.0
+5.5
V
Negative Supply Voltage
VEE
−5.5
−5.0
−4.5
V
ADCMP580 (CML)
Positive Supply Current
IVCCI
VCCI = 5.0 V, 50 Ω to GND
6
8
mA
Negative Supply Current
IVEE
VEE = −5.0 V, 50 Ω to GND
−50
−40
−34
mA
Power Dissipation
PD
50 Ω to GND
230
260
mW
ADCMP581 (NECL)
Positive Supply Current
IVCCI
VCCI = 5.0 V, 50 Ω to −2 V
6
8
mA
Negative Supply Current
IVEE
VEE = −5.0 V, 50 Ω to −2 V
−35
−25
−19
mA
Power Dissipation
PD
50 Ω to −2 V
155
200
mW
ADCMP582 (PECL)
Logic Supply Voltage
VCCO
+2.5
+3.3
+5.0
V
Input Supply Current
IVCCI
VCCI = 5.0 V, 50 Ω to VCCO − 2 V
6
8
mA
Output Supply Current
IVCCO
VCCO = 5.0 V, 50 Ω to VCCO − 2 V
44
55
mA
Negative Supply Current
IVEE
VEE = −5.0 V, 50 Ω to VCCO − 2 V
−35
−25
−19
mA
Power Dissipation
PD
50 Ω to VCCO − 2 V
310
350
mW
Power Supply Rejection (VCCI)
PSRVCCI
VCCI = 5.0 V + 5%
−75
dB
Power Supply Rejection (VEE)
PSRVEE
VEE = −5.0 V + 5%
−60
dB
Power Supply Rejection (VCCO)
PSRVCCO
VCCO = 3.3 V + 5% (ADCMP582)
−75
dB
1
Equivalent input bandwidth assumes a simple first-order input response and is calculated with the following formula: BWEQ = 0.22/(trCOMP2 – trIN2), where trIN is the 20/80
transition time of a quasi-Gaussian input edge applied to the comparator input and trCOMP is the effective transition time digitized by the comparator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com