Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCMP580 Datasheet(PDF) 11 Page - Analog Devices

Part # ADCMP580
Description  Ultrafast SiGe Voltage Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP580 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADCMP580_16 Datasheet HTML 7Page - Analog Devices ADCMP580_16 Datasheet HTML 8Page - Analog Devices ADCMP580_16 Datasheet HTML 9Page - Analog Devices ADCMP580_16 Datasheet HTML 10Page - Analog Devices ADCMP580_16 Datasheet HTML 11Page - Analog Devices ADCMP580_16 Datasheet HTML 12Page - Analog Devices ADCMP580_16 Datasheet HTML 13Page - Analog Devices ADCMP580_16 Datasheet HTML 14Page - Analog Devices ADCMP580_16 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
ADCMP580/ADCMP581/ADCMP582
Rev. B | Page 11 of 16
TYPICAL APPLICATION CIRCUITS
Q
ADCMP580
Q
VIN
VP
VTP
VTN
VN
LATCH
INPUTS
50
50
GND
Figure 16. Zero-Crossing Detector with CML Outputs on the ADCMP580
Q
ADCMP581
Q
VP
VN
VTT
VP
VTP
VTN
VN
LATCH
INPUTS
50
50
Figure 17. LVDS to a 50 Ω Back-Terminated (RS) ECL Receiver on the ADCMP581
HYS
VEE
50
50
ADCMP580
0
Ω TO 5kΩ
Figure 18. Adding Hysteresis Using the HYS Control on the ADCMP580
50
50
+
Q
Q
VIN
VTH
LATCH
INPUTS
GND
ADCMP580
Figure 19. Comparator with −2 to +3 V Input Range on the ADCMP580
VP
VN
VEE
ADCMP580
50
1k
50
CML
Figure 20. Disabling the Latch Feature on the ADCMP580
VP
VN
ADCMP581
VTT
VEE
50
50
750
RSECL
VTT = –2V
Figure 21. Disabling the Latch Feature on the ADCMP581
VP
VN
VTT = VCCO – 2V
VCCO
ADCMP582
50
750
50
RSPECL
Figure 22. Disabling the Latch Feature on the ADCMP582



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com