Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3044 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # GS3044
Description  AGC-O with Active Low Cut Filter in a CIC Size Hybrid
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS3044 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  GS3044 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS3044 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS3044 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS3044 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS3044 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS3044 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
521 - 90 -02
VIN =1kHz
RVC =100kΩ
RTH = 0
0.01
0.1
-80
-70
-60
-50
-40
-30
-20
-10
0
INPUT (dBV)
Gennum Corporation assumes no responsibility for the use of any circuits described herein and makes no representations that they are free from patent infringement.
© Copyright September 1998 Gennum Corporation.
All rights reserved.
Printed in Canada.
Fig. 12 Intermodulation Distortion vs Frequency
Fig. 11 Intermodulation distortion vs Input
0.01
0.1
1
10
10k
100k
RTH = 0
FREQUENCY (kHz)
VIN -40dBV
3k
RVC =100kΩ
PACKAGE DIMENSIONS
DOCUMENT IDENTIFICATION:
DATA SHEET
The product is in production. Gennum reserves the right to make
changes at any time to improve reliability, function or design, in
order to provide the best product possible.
GENNUM CORPORATION
MAILING ADDRESS:
P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3
Tel. +1 (905) 632-2996 Fax +1 (905) 632-2814
SHIPPING ADDRESS:
970 Fraser Drive, Burlington, Ontario, Canada L7L 5P5
GENNUM JAPAN CORPORATION
C-101, Miyamae Village, 2-10-42 Miyamae, Suginami-ku, Tokyo 168-0081, Japan
Tel. +81 (3) 3334-7700 Fax: +81 (3) 3247-8839
REVISION NOTES:
Updated to Data Sheet; Correction to Figure 7.
0.110
(2.79)
0.079 MAX
(2.01)
1
2
3
4
5
6
10
R1
9
8
7
0.180
(4.57)
C4
C1
C3
Dimensions are in inches.
Dimensions shown in parenthesis are in millimeters, converted
from inches and include minor rounding errors.
1.0000 inches = 25.400mm.
Dimension tolerances
±0.003 (+0.08) unless otherwise stated.
Minimum Pad size: 0.027 x 0.026in (0.68 x 0.71mm)
XXXXXX - work order number.
This hybrid is designed for point-to-point manual soldering.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com