Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3044 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GS3044
Description  AGC-O with Active Low Cut Filter in a CIC Size Hybrid
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS3044 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GS3044 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS3044 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS3044 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS3044 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS3044 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS3044 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATA SHEET
AGC-O with Active Low Cut Filter
in a CIC Size Hybrid - GS3044
FEATURES
•
CIC suitable package size
•
low distortion compression limiting
•
38dB maximum system gain, adjustable over a
38dB range
•
output compression threshold, adjustable over
16dB range
•
2nd order active low cut filter adjustable from 530Hz
to 2.0kHz
•
designed to drive a class D integrated receiver
•
averaging detector
•
flexibility to add high cut filter
STANDARD PACKAGING
Hybrid typical dimensions:
0.180 x 0.110 x 0.070 in.
(4.57 x 2.79 x 1.78 mm)
DESCRIPTION
The GS3044 CIC hybrid features AGC-O capability for low
distortion output limiting with an active low cut filter in a
package size suitable for CIC instruments. The circuit consists
of an AGC preamplifier and output stage, capable of driving
a class D integrated receiver. The compression control circuit,
connected between the input and output of the AGC
preamplifier, varies the current controlled resistance. It
operates with an 8:1 compression ratio and uses an averaging
detector with a time constant of 270ms, selected to provide
optimal sound quality over a full range of sound and listening
environments. The actual attack and release times are typically
40ms and 150ms respectively when the circuit is fully in the
compression region of operation (measured times vary
depending on gain and threshold settings).
The system gain, compression control and filter corner
frequency can be adjusted by choosing three independent
resistors or 100k trimmers. Maximum system gain is 38dB. It
can be adjusted within a 38dB range. The output compression
threshold can be adjusted within a 16dB range. The filter's
corner frequency can be adjusted from 530Hz to 2kHz.
BLOCK DIAGRAM
Revision Date: March 2000
C2
0
µ1
C5
0
µ1
C7
0
µ15
C8
33n
12k
48k
VB
REGULATOR
48k
-A
RECT.
B
8:1
COMPRESSION
CONTROL
C6
22n
RVC
RTH
-F
C1
15n
C3
6n8
C4
10n
RHP
10k
80k
800
IN
FOUT
AIN
GND
VREG
VB
OUT
GS3044
R1 = 0
Note: R1 can be desoldered from hybrid to break connection between FOUT and AIN
10
1
4
5
6
7
8
9
3
2
All resistors in ohms, all capacitors
in farad, unless otherwidse stated.
GENNUM CORPORATION P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3 tel. +1 (905) 632-2996
Web Site: www.gennum.com
E-mail: hipinfo@gennum.com
Document No. 521 - 90 - 02


Similar Part No. - GS3044

ManufacturerPart #DatasheetDescription
logo
Hugo Mueller GmbH & Co....
GS3000MOD HUGO-MUELLER-GS3000MOD Datasheet
165Kb / 2P
0-10V / MODBUS SENSORS
logo
List of Unclassifed Man...
GS3001 ETC1-GS3001 Datasheet
83Kb / 5P
Preamp Hybrid for Class D
logo
STMicroelectronics
GS300T48-5 STMICROELECTRONICS-GS300T48-5 Datasheet
75Kb / 6P
300W DC-DC CONVERTER
Jun-1994
GS300T48-5E STMICROELECTRONICS-GS300T48-5E Datasheet
75Kb / 6P
300W DC-DC CONVERTER
Jun-1994
logo
MPS Industries, Inc.
GS300X MPSIND-GS300X Datasheet
149Kb / 2P
Single ratio (see schematic), thru-hole package
More results

Similar Description - GS3044

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS3026 ETC-GS3026 Datasheet
99Kb / 7P
AGC-O in a CIC Size Hybrid
GS3023 ETC1-GS3023 Datasheet
153Kb / 7P
CIC Size DynamEQ I Dynamic Equalizer - Class D
GS3024A ETC1-GS3024A Datasheet
92Kb / 6P
CIC, CLASS D HYBRID
logo
DAICO Industries, Inc.
DHD08063 DAICO-DHD08063 Datasheet
30Kb / 1P
IF / AGC HYBRID
logo
Faraday Technology
AH1000 FARADAY-AH1000 Datasheet
47Kb / 2P
ACTIVE HYBRID RECONSTRUCTION FILTERS
logo
ATMEL Corporation
ATR4253 ATMEL-ATR4253 Datasheet
330Kb / 9P
Highly Integrated - All-in-one Active Antenna IC Integrated AGC
logo
Infineon Technologies A...
TUA6039-2 INFINEON-TUA6039-2 Datasheet
1Mb / 64P
3 Band Digital / Hybrid Tuner IC with integrated IF AGC amplifier
Revision 2.6, August 2007
TUA6039F-2 INFINEON-TUA6039F-2 Datasheet
1Mb / 62P
3 Band Digital / Hybrid Tuner IC with integrated IF AGC amplifier
Revision 2.0, July 2007
logo
Analog Devices
AD8386 AD-AD8386_17 Datasheet
742Kb / 20P
Linear-in-dB VGA with AGC Detector
Sep-2017
logo
Molex Electronics Ltd.
847271001 MOLEX-847271001 Datasheet
116Kb / 1P
PLUG, USB TYPE-A, SHIELDED, PIGTAIL CIC
10/05/04
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com