Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VVZ24 Datasheet(PDF) 3 Page - IXYS Corporation

Part # VVZ24
Description  Three Phase Half Controlled Rectifier Bridge
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VVZ24 Datasheet(HTML) 3 Page - IXYS Corporation

  VVZ24 Datasheet HTML 1Page - IXYS Corporation VVZ24 Datasheet HTML 2Page - IXYS Corporation VVZ24 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2003 IXYS All rights reserved
3 - 3
VVZ 24
Fig. 1 Surge overload current per chip
I
FSM: Crest value, t: duration
Fig. 3 Gate trigger characteristics
Triggering:
Fig. 2 I2t versus time (1-10 ms)
per chip
Fig. 4 Power dissipation versus direct output current and ambient temperature
Fig. 5 Transient thermal impedance junction to heatsink
Constants for Z
thJK calculation
iR
thi (K/W)
t
i (s)
1
0.17
0.028
2
1.4
0.44
3
1.1
2.6
t
s
10-3
10-2
10-1
100
101
102
0
1
2
3
Zth
JK
Zth
JK
K/W
1
10
100
1000
0.1
1
10
I
G
V
G
mA
1: I
GT, TVJ = 125°C
2: IGT, TVJ = 25°C
3: IGT, TVJ = -40°C
V
4: P
GAV = 0.5 W
5: PGM = 1 W
6: PGM = 10 W
I
GD, TVJ = 125°C
4
2
1
5
6
3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com