Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3086 Datasheet(PDF) 4 Page - International Rectifier

Part # IR3086
Description  PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3086 Datasheet(HTML) 4 Page - International Rectifier

  IR3086 Datasheet HTML 1Page - International Rectifier IR3086 Datasheet HTML 2Page - International Rectifier IR3086 Datasheet HTML 3Page - International Rectifier IR3086 Datasheet HTML 4Page - International Rectifier IR3086 Datasheet HTML 5Page - International Rectifier IR3086 Datasheet HTML 6Page - International Rectifier IR3086 Datasheet HTML 7Page - International Rectifier IR3086 Datasheet HTML 8Page - International Rectifier IR3086 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
IR3086
Page 4 of 15
9/1/03
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
PWM Comparator
PWM Comparator Input Offset
Voltage
-5
5
15
mV
EAIN & PWMRMP Bias
Current
Clamp and Current Share Adjust OFF
-1
-0.4
1
µA
Propagation Delay
VCCH = 12V. Measure time from
PWMRMP input (50mV overdrive) to
GATEH transition to < 11V.
70
150
ns
Common Mode Input Range
Exceeding the Common Mode input
range results in 100% duty cycle
5
V
Share Adjust Error Amplifier
Input Offset Voltage
10
20
30
mV
Input Voltage Range
EAIN – PWMRMP, Note 1
-3.5
3.5
V
PWMRMP Adjust Current
4
8
mA
Transconductance
I(PWMRMP) = 3.5mA, Note 1
0.9
1.6
2.3
A/V
SCOMP Source/Sink Current
Note 1
20
30
40
µA
SCOMP Activation Voltage
Amount SCOMP must increase from its
minimum voltage until the Ramp Slope
Adjust current equals = 10
µA
60
150
300
mV
PWMRMP Min Voltage
I(PWMRMP) = 500
µA
150
225
350
mV
0% Duty Cycle Comparator
Threshold Voltage
Compare to V(DACIN)
88
91
94
%
Propagation Delay
VCCL = 12V. Measure time from EAIN
< 0.9 x V(DACIN) (200mV overdrive) to
GATEL transition to < 11V. Note 1.
100
150
ns
OVP Comparator
Threshold Voltage
Compare to V(DACIN)
100
125
160
mV
Propagation Delay
VCCL = 12V. Measure time from CSIN
> V(DACIN) (200mV overdrive) to
GATEL transition to <11V.
150
250
ns
Phase Fault Comparator
Threshold Voltage
Compare to V(DACIN)
88
91
94
%
Output Voltage
I(PHSFLT) = 4mA
300
400
mV
PHSFLT Leakage Current
V(PHSFLT) = 5.5V
0
10
µA
VRHOT Comparator
HOTSET Bias Current
-2
-0.5
1
µA
Output Voltage
I(VRHOT) = 29mA
150
400
mV
VRHOT Leakage Current
V(VRHOT) = 5.5V
0
10
µA
Threshold Hysteresis
TJ ≥ 85
oC
3.0
7.0
9.0
oC
MIN
TYP
MAX
Threshold Voltage
TJ ≥ 85
oC
4.73mV/
oC x
TJ + 1.176V
4.73mV/
oC x
TJ + 1.241V
4.73mV/
oC x
TJ + 1.356V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com