Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3086 Datasheet(PDF) 5 Page - International Rectifier

Part # IR3086
Description  PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3086 Datasheet(HTML) 5 Page - International Rectifier

  IR3086 Datasheet HTML 1Page - International Rectifier IR3086 Datasheet HTML 2Page - International Rectifier IR3086 Datasheet HTML 3Page - International Rectifier IR3086 Datasheet HTML 4Page - International Rectifier IR3086 Datasheet HTML 5Page - International Rectifier IR3086 Datasheet HTML 6Page - International Rectifier IR3086 Datasheet HTML 7Page - International Rectifier IR3086 Datasheet HTML 8Page - International Rectifier IR3086 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
IR3086
Page 5 of 15
9/1/03
Note 1: Guaranteed by design, but not tested in production
PIN DESCRIPTION
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
General
VCC Supply Current
10
14
mA
VCCL Supply Current
2.5
5
mA
VCCH Supply Current
6V ≤ VCCH ≤ 14V
5.5
8
mA
14V ≤ VCCH ≤ 25V
6.5
10
mA
BIASIN Bias Current
-5
-2.5
2
µA
DACIN Bias Current
-2
-0.5
1
µA
PIN#
PIN SYMBOL
PIN DESCRIPTION
1
RMPIN+
Non-inverting input to Ramp Comparator
2
RMPIN-
Inverting input to Ramp Comparator
3
HOTSET
Inverting input to VRHOT comparator. Connect resistor divider from VBIAS to LGND
to program VRHOT threshold. Diode or thermistor may be substituted for lower
resistor for enhanced/remote temperature sensing.
4
VRHOT
Open Collector output of the VRHOT comparator which drives low if IC junction
temperature exceeds the user programmable limit. Connect external pull-up.
5
ISHARE
Output of the Current Sense Amplifier and input to the Share Adjust Error Amplifier.
Voltage on this pin is equal to V(DACIN) + 34 [V(CSIN+) – V(CSIN-)]. Connecting
ISHARE pins creates a Share Bus enabling current sharing between Phase ICs.
The Share bus is also used by the Control IC for voltage positioning and Over-
Current protection.
6
SCOMP
Compensation for the Current Share control loop. Connect a capacitor to ground to
set the control loop’s bandwidth.
7
EAIN
PWM comparator input from the Control IC. Both Gate Driver outputs drive low if the
voltage on this pin is less than 91% of V(DACIN).
8
PWMRMP
PWM comparator ramp input. Connect a resistor from this pin to the converter input
voltage and a capacitor to LGND to program the PWM ramp.
9
LGND
Signal ground and IC substrate connection
10
VCC
Power for internal circuitry
11
VCCL
Power for Low-Side Gate Driver
12
GATEL
Low-Side Gate Driver Output and input to GATEH non-overlap comparator
13
PGND
Return for Gate Drivers
14
GATEH
High-Side Gate Driver Output and input to GATEL non-overlap comparator
15
VCCH
Power for High-Side Gate Driver
16
CSIN+
Non-inverting input to the Current Sense Amplifier
17
CSIN-
Inverting input to the Current Sense Amplifier and non-inverting input to the OVP
comparator
18
PHSFLT
Open Collector output of the Phase Fault comparator. Drives low if Phase current is
unable to match the level of the SHARE bus due to an external fault. Connect
external pull-up.
19
DACIN
Reference voltage input from the Control IC and inverting input to the OVP
comparator. Current sensing and PWM operation referenced to this pin.
20
BIASIN
System reference voltage for internal circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com