Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFS41N15D Datasheet(PDF) 9 Page - International Rectifier

Part # IRFS41N15D
Description  HEXFET Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS41N15D Datasheet(HTML) 9 Page - International Rectifier

Back Button IRFS41N15D Datasheet HTML 4Page - International Rectifier IRFS41N15D Datasheet HTML 5Page - International Rectifier IRFS41N15D Datasheet HTML 6Page - International Rectifier IRFS41N15D Datasheet HTML 7Page - International Rectifier IRFS41N15D Datasheet HTML 8Page - International Rectifier IRFS41N15D Datasheet HTML 9Page - International Rectifier IRFS41N15D Datasheet HTML 10Page - International Rectifier IRFS41N15D Datasheet HTML 11Page - International Rectifier IRFS41N15D Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
IRFB/IRFIB/IRFS/IRFSL41N15D
www.irf.com
9
TO-220 Full-Pak Part Marking Information
TO-220 Full-Pak Package Outline
Dimensions are shown in millimeters (inches)
LEAD ASSIGNMENTS
1 - GATE
2 - DRAIN
3 - SOURCE
NOTES:
1 DIMENSIONING & TOLERANCING
PER ANSI Y14.5M, 1982
2 CONTROLLING DIMENSION: INCH.
D
C
A
B
MINIMUM CREEPAGE
DISTANCE BETWEEN
A-B-C-D = 4.80 (.189)
3X
2.85 (.112)
2.65 (.104)
2.80 (.110)
2.60 (.102)
4.80 (.189)
4.60 (.181)
7.10 (.280)
6.70 (.263)
3.40 (.133)
3.10 (.123)
ø
- A -
3.70 (.145)
3.20 (.126)
1.15 (.045)
MIN.
3.30 (.130)
3.10 (.122)
- B -
0.90 (.035)
0.70 (.028)
3X
0.25 (.010)
M
A M
B
2.54 (.100)
2X
3X
13.70 (.540)
13.50 (.530)
16.00 (.630)
15.80 (.622)
1
2
3
10.60 (.417)
10.40 (.409)
1.40 (.055)
1.05 (.042)
0.48 (.019)
0.44 (.017)
ASS EMBLY
(YYWW)
LOT CODE
YY = YEAR
WW = WEEK
Notes: This part marking information applies to all devices produced before 02/26/2001
EXAMPLE:
LOT CODE E401
THIS IS AN IRFI840G
WITH ASS EMBLY
E401
RECTIFIER
LOGO
INTERNATIONAL
PART NUMBER
IRFI840G
DATE CODE
9245
and currently for parts manufactured in GB.
Notes: T his part marking information applies to devices produced after 02/26/2001 in
WITH AS SEMBLY
EXAMPLE: THIS IS AN IRFI840G
LOT CODE 3432
AS SEMBLED ON WW 24 1999
IN THE AS SEMBLY LINE "K"
PART NUMBER
LOT CODE
AS SEMBLY
INTERNATIONAL
RECTIFIER
LOGO
34
32
924K
IRFI840G
DATE CODE
YEAR 9 = 1999
WEEK 24
LINE K
location other than GB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com