Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFS41N15D Datasheet(PDF) 1 Page - International Rectifier

Part # IRFS41N15D
Description  HEXFET Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS41N15D Datasheet(HTML) 1 Page - International Rectifier

  IRFS41N15D Datasheet HTML 1Page - International Rectifier IRFS41N15D Datasheet HTML 2Page - International Rectifier IRFS41N15D Datasheet HTML 3Page - International Rectifier IRFS41N15D Datasheet HTML 4Page - International Rectifier IRFS41N15D Datasheet HTML 5Page - International Rectifier IRFS41N15D Datasheet HTML 6Page - International Rectifier IRFS41N15D Datasheet HTML 7Page - International Rectifier IRFS41N15D Datasheet HTML 8Page - International Rectifier IRFS41N15D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.irf.com
1
07/16/03
HEXFET® Power MOSFET
Notes
 through ‡ are on page 12
PD - 93804B
l High frequency DC-DC converters
Benefits
Applications
l Low Gate-to-Drain Charge to Reduce
Switching Losses
l Fully Characterized Capacitance Including
Effective COSS to Simplify Design, (See
App. Note AN1001)
l Fully Characterized Avalanche Voltage
and Current
IRFB41N15D
IRFIB41N15D
IRFS41N15D
IRFSL41N15D
VDSS RDS(on) max
ID
150V
0.045
:
41A
Absolute Maximum Ratings
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation, D
2Pak
W
PD @TC = 25°C Power Dissipation, TO-220
PD @TC = 25°C Power Dissipation, Fullpak
Linear Derating Factor, TO-220
W/°C
Linear Derating Factor, Fullpak
VGS
Gate-to-Source Voltage
V
dv/dt
Peak Diode Recovery dv/dt
e
V/ns
TJ
Operating Junction and
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
Mounting torque, 6-32 or M3 screw
N•m (lbf•in)
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.75
°C/W
RθJC
Junction-to-Case, Fullpak
–––
3.14
Rθcs
Case-to-Sink, Flat, Greased Surface
h
0.50
–––
RθJA
Junction-to-Ambient, TO-220
h
–––
62
RθJA
Junction-to-Ambient, D
2Pak i
–––
40
RθJA
Junction-to-Ambient, Fullpak
–––
65
3.1
48
0.32
200
1.3
± 30
2.7
Max.
41
29
164
-55 to + 175
300 (1.6mm from case )
1.1(10)
D2Pak
IRFS41N15D
TO-220AB
IRFB41N15D
TO-262
IRFSL41N15D
TO-220 FullPak
IRFIB41N15D


Similar Part No. - IRFS41N15D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFS41N15D IRF-IRFS41N15D Datasheet
193Kb / 11P
Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
logo
Inchange Semiconductor ...
IRFS41N15D ISC-IRFS41N15D Datasheet
349Kb / 2P
isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFS41N15DPBF IRF-IRFS41N15DPBF Datasheet
342Kb / 13P
HEXFET Power MOSFET
logo
Infineon Technologies A...
IRFS41N15DPbF INFINEON-IRFS41N15DPbF Datasheet
714Kb / 13P
High frequency DC-DC converters
2017-04-27
More results

Similar Description - IRFS41N15D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com