Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD01 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # HD01
Description  0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

HD01 Datasheet(HTML) 4 Page - Diodes Incorporated

  HD01 Datasheet HTML 1Page - Diodes Incorporated HD01 Datasheet HTML 2Page - Diodes Incorporated HD01 Datasheet HTML 3Page - Diodes Incorporated HD01 Datasheet HTML 4Page - Diodes Incorporated HD01 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
HD01
– HD06
Document number: DS17003 Rev. 14 - 2
4 of 5
www.diodes.com
July 2017
© Diodes Incorporated
HD01
– HD06
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
MiniDIP
D
E1 E
A2a
L
L1
c
A2
A
A1
e
b
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
MiniDIP
C
Y
X
Y1
MiniDIP
Dim
Min
Max
A
--
3.00
A1
--
0.20
A2
2.30
2.70
A2a
1.20
1.60
b
0.50
0.80
c
0.15
0.35
D
4.50
4.90
E
--
7.00
E1
3.60
4.00
e
2.30
2.70
L
0.70
1.10
L1
1.10
2.12
All Dimensions in mm
Dimensions
Value (in
mm)
C
2.50
X
1.65
Y
1.80
Y1
6.80



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com