Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD01 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # HD01
Description  0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

HD01 Datasheet(HTML) 1 Page - Diodes Incorporated

  HD01 Datasheet HTML 1Page - Diodes Incorporated HD01 Datasheet HTML 2Page - Diodes Incorporated HD01 Datasheet HTML 3Page - Diodes Incorporated HD01 Datasheet HTML 4Page - Diodes Incorporated HD01 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HD01
– HD06
Document number: DS17003 Rev. 14 - 2
1 of 5
www.diodes.com
July 2017
© Diodes Incorporated
HD01
– HD06
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Features and Benefits
Glass Passivated Die Construction
Low Forward Voltage Drop
Surge Overload Rating to 30A Peak
Ideally Suited for Automated Assembly
Miniature Package Saves Space on PC Boards
UL Listed Under Recognized Component Index, File Number
E94661
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Mechanical Data
Case: MiniDIP
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
 Tin. Plated Leads, Solderable per MIL-STD-
202, Method 208
Polarity: As Marked on Case
Marking: Product Type Marking Code, Date Code & Polarity
Markings
Weight: 0.125 grams (Approximate)
Ordering Information (Note 3)
Part Number*
Packaging
Shipping
HDxx-T
MiniDIP
3k/Tape & Reel, 13-inch
*xx = Device type, e.g. HD02-T or HD04-T, etc.
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Equivalent Circuit
HDxx = Product Type Marking Code (ex: HD04)
YM = Date Code Marking
Y = Last Digit of the Year
M = See Month/Code Table Below
HDxx
YM
Pb


Similar Part No. - HD01

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
HD01 DIODES-HD01 Datasheet
54Kb / 2P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17003 Rev. F-2
logo
Micro Commercial Compon...
HD01 MCC-HD01 Datasheet
93Kb / 2P
0.8 Amp Single Phase Glass Passivated Bridge Rectifier 100 to 1000 Volts
logo
Diodes Incorporated
HD01 DIODES-HD01 Datasheet
90Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17003 Rev. 12 - 2
logo
Diotech Company.
HD01 DIOTECH-HD01 Datasheet
870Kb / 2P
MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER
logo
Diodes Incorporated
HD01 DIODES-HD01 Datasheet
77Kb / 4P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17003 Rev. 13 - 2
More results

Similar Description - HD01

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
HD01 DIODES-HD01_10 Datasheet
77Kb / 4P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17003 Rev. 13 - 2
DS17003 DIODES-DS17003 Datasheet
77Kb / 4P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 13
logo
DONGGUAN YOU FENG WEI E...
UM1B-UMB YFWDIODE-UM1B-UMB Datasheet
572Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
ABS1-ABS-LBF YFWDIODE-ABS1-ABS-LBF Datasheet
419Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB1F-MBF YFWDIODE-MB1F-MBF Datasheet
424Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB1S-MBS YFWDIODE-MB1S-MBS Datasheet
430Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
D1UBA05 ZSELEC-D1UBA05 Datasheet
47Kb / 2P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
SHIKUES Electronics
MB1F SKTECHNOLGY-MB1F Datasheet
380Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB1S SKTECHNOLGY-MB1S Datasheet
461Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
First Silicon Co., Ltd
UM1B FS-UM1B Datasheet
500Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com