Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EALP05CLARA0 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # EALP05CLARA0
Description  Choice of various viewing angles
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EALP05CLARA0 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  EALP05CLARA0 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EALP05CLARA0 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EALP05CLARA0 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EALP05CLARA0 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EALP05CLARA0 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EALP05CLARA0 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EALP05CLARA0 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EALP05CLARA0 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DATASHEET
LAMP
EALP05CLARA0
2
Copyright © 2010, Everlight Americas All Rights Reserved. Release Date : Date : Dec.25. 2003. Issue No: 1 Rev:1
www.everlightamericas.com
Device Selection Guide
Chip
Materials
Emitted Color
Resin Color
AlGaInP
Brilliant Red
Water Clear
Absolute Maximum Ratings (Ta=25℃
℃
℃
℃)
Parameter
Symbol
Rating
Unit
Continuous Forward Current
IF
25
mA
Peak Forward Current (Duty 1/10 @ 1KHZ)
IFP
60
mA
Reverse Voltage
VR
5
V
Power Dissipation
Pd
60
mW
Operating Temperature
Topr
-40 ~ +85
℃
Storage Temperature
Tstg
-40 ~ +100
℃
Soldering Temperature
Tsol
260
℃ for 5 sec.
Electro-Optical Characteristics (Ta=25℃
℃
℃
℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous Intensity
Iv
100
200
-----
mcd
IF=20mA
Viewing Angle
2θ1/2
-----
60
-----
deg
IF=20mA
Peak Wavelength
λp
-----
632
-----
nm
IF=20mA
Dominant Wavelength
λd
-----
624
-----
nm
IF=20mA
Spectrum Radiation Bandwidth
∆λ
-----
20
-----
nm
IF=20mA
Forward Voltage
VF
1.7
2.0
2.4
V
IF=20mA
Reverse Current
IR
-----
-----
10
µ
A
VR=5V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com