Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EALP05CLARA0 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # EALP05CLARA0
Description  Choice of various viewing angles
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EALP05CLARA0 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  EALP05CLARA0 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EALP05CLARA0 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EALP05CLARA0 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EALP05CLARA0 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EALP05CLARA0 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EALP05CLARA0 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EALP05CLARA0 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EALP05CLARA0 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Copyright © 2010, Everlight Americas All Rights Reserved. Release Date : Date : Dec.25. 2003. Issue No: 1 Rev:1
www.everlightamericas.com
LAMP
EALP05CLARA0
Features
• Choice of various viewing angles
• Available on tape and reel.
• Reliable and robust
• The product itself will remain within RoHS compliant version.
• Compliance with EU REACH
• Compliance Halogen free. (Br <900 ppm, Cl<900 ppm, Br+Cl <1500 ppm).
Description
•The series is specially designed for applications requiring higher brightness
•The led lamps are available with different colors, intensities..
Applications
• TV set
• Monitor
• Telephone
• Computer


Similar Part No. - EALP05CLARA0

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EALP05CLAYA0 EVERLIGHT-EALP05CLAYA0 Datasheet
685Kb / 7P
Choice of various viewing angles
More results

Similar Description - EALP05CLARA0

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
423-2UYC-S530-A6 EVERLIGHT-423-2UYC-S530-A6 Datasheet
114Kb / 5P
CHOICE OF VARIOUS VIEWING ANGLES
EALP03RRAGA1 EVERLIGHT-EALP03RRAGA1 Datasheet
339Kb / 8P
Choice of various viewing angles
EALP03RRARA0 EVERLIGHT-EALP03RRARA0 Datasheet
419Kb / 7P
Choice of various viewing angles
EALP03RDAOA0 EVERLIGHT-EALP03RDAOA0 Datasheet
590Kb / 7P
Choice of various viewing angles
EALP03RDAYA5 EVERLIGHT-EALP03RDAYA5 Datasheet
210Kb / 8P
Choice of various viewing angles
EALP03RDCRA0 EVERLIGHT-EALP03RDCRA0 Datasheet
208Kb / 7P
Choice of various viewing angles
EALP03RDCRA4 EVERLIGHT-EALP03RDCRA4 Datasheet
194Kb / 8P
Choice of various viewing angles
EALP03RDGRA0 EVERLIGHT-EALP03RDGRA0 Datasheet
219Kb / 7P
Choice of various viewing angles
EALP03RDJRA0 EVERLIGHT-EALP03RDJRA0 Datasheet
643Kb / 8P
Choice of various viewing angles
EALP05RDAGA0 EVERLIGHT-EALP05RDAGA0 Datasheet
288Kb / 7P
Choice of various viewing angles.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com