Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6014 Datasheet(PDF) 4 Page - Linear Technology

Part # LT6014
Description  Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6014 Datasheet(HTML) 4 Page - Linear Technology

  LT6014 Datasheet HTML 1Page - Linear Technology LT6014 Datasheet HTML 2Page - Linear Technology LT6014 Datasheet HTML 3Page - Linear Technology LT6014 Datasheet HTML 4Page - Linear Technology LT6014 Datasheet HTML 5Page - Linear Technology LT6014 Datasheet HTML 6Page - Linear Technology LT6014 Datasheet HTML 7Page - Linear Technology LT6014 Datasheet HTML 8Page - Linear Technology LT6014 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT6013/LT6014
4
60134fa
in
Input Noise Current Density
f = 1kHz
0.15
pA/
√Hz
Input Noise Current (Low Frequency) Bandwidth = 0.01Hz to 1Hz
7
pAP-P
1.3
pARMS
Bandwidth = 0.1Hz to 10Hz
5
pAP-P
0.4
pARMS
RIN
Input Resistance
Common Mode, VCM = 1V to 3.8V
120
G
Ω
Differential
20
M
Ω
CIN
Input Capacitance
4pF
VCM
Input Voltage Range (Positive)
Guaranteed by CMRR
q
3.8
4
V
Input Voltage Range (Negative)
Guaranteed by CMRR
q
0.7
1
V
CMRR
Common Mode Rejection Ratio
VCM = 1V to 3.8V
q
107
135
dB
Minimum Supply Voltage
Guaranteed by PSRR
q
2.4
2.7
V
PSRR
Power Supply Rejection Ratio
VS = 2.7V to 36V, VCM = 1/2VS
q
112
135
dB
AVOL
Large-Signal Voltage Gain
RL = 10k, VOUT = 1V to 4V
q
300
2000
V/mV
RL = 2k, VOUT = 1V to 4V
q
250
2000
V/mV
Channel Separation
VOUT = 1V to 4V, LT6014
q
110
140
dB
VOUT
Maximum Output Swing
No Load, 50mV Overdrive
35
55
mV
(Positive, Referred to V+)
q
65
mV
ISOURCE = 1mA, 50mV Overdrive
120
170
mV
q
220
mV
Maximum Output Swing
No Load, 50mV Overdrive
40
55
mV
(Negative, Referred to 0V)
q
65
mV
ISINK = 1mA, 50mV Overdrive
150
225
mV
q
275
mV
ISC
Output Short-Circuit Current (Note 3) VOUT = 0V, 1V Overdrive, Source
8
14
mA
q
4mA
VOUT = 5V, –1V Overdrive, Sink
8
21
mA
q
4mA
SR
Slew Rate
AV = –10, RF = 50k, RG = 5k
0.15
0.2
V/
µs
TA = 0°C to 70°C
q
0.12
V/
µs
TA = –40°C to 85°C
q
0.1
V/
µs
GBW
Gain Bandwidth Product
f = 10kHz
1
1.4
MHz
q
0.9
MHz
ts
Settling Time
AV = –4, 0.01%, VOUT = 1.5V to 3.5V
20
µs
tr, tf
Rise Time, Fall Time
AV = 5, 10% to 90%, 0.1V Step
1
µs
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 5V, 0V; VCM = 2.5V; RL to 0V; unless otherwise specified. (Note 5)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com