Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6014 Datasheet(PDF) 5 Page - Linear Technology

Part # LT6014
Description  Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6014 Datasheet(HTML) 5 Page - Linear Technology

  LT6014 Datasheet HTML 1Page - Linear Technology LT6014 Datasheet HTML 2Page - Linear Technology LT6014 Datasheet HTML 3Page - Linear Technology LT6014 Datasheet HTML 4Page - Linear Technology LT6014 Datasheet HTML 5Page - Linear Technology LT6014 Datasheet HTML 6Page - Linear Technology LT6014 Datasheet HTML 7Page - Linear Technology LT6014 Datasheet HTML 8Page - Linear Technology LT6014 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT6013/LT6014
5
60134fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage (Note 8)
LT6013AS8
20
60
µV
TA = 0°C to 70°C
q
80
µV
TA = –40°C to 85°C
q
110
µV
LT6013S8
25
85
µV
TA = 0°C to 70°C
q
110
µV
TA = –40°C to 85°C
q
135
µV
LT6013ADD
25
85
µV
TA = 0°C to 70°C
q
135
µV
TA = –40°C to 85°C
q
170
µV
LT6013DD, LT6014AS8
30
135
µV
TA = 0°C to 70°C
q
160
µV
TA = –40°C to 85°C
q
185
µV
LT6014S8
35
150
µV
TA = 0°C to 70°C
q
175
µV
TA = –40°C to 85°C
q
200
µV
LT6014ADD
35
160
µV
TA = 0°C to 70°C
q
210
µV
TA = –40°C to 85°C
q
225
µV
LT6014DD
40
200
µV
TA = 0°C to 70°C
q
250
µV
TA = –40°C to 85°C
q
275
µV
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 5V, 0V; VCM = 2.5V; RL to 0V; unless otherwise specified. (Note 5)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
∆VOS
Offset Voltage Match (Note 7)
LT6014AS8
50
120
µV
TA = 0°C to 70°C
q
170
µV
TA = –40°C to 85°C
q
220
µV
LT6014ADD
50
170
µV
TA = 0°C to 70°C
q
270
µV
TA = –40°C to 85°C
q
340
µV
LT6014S8
50
150
µV
TA = 0°C to 70°C
q
200
µV
TA = –40°C to 85°C
q
250
µV
LT6014DD
60
250
µV
TA = 0°C to 70°C
q
350
µV
TA = –40°C to 85°C
q
420
µV
∆IB
Input Bias Current Match (Note 7)
LT6014AS8, LT6014ADD
200
800
pA
TA = 0°C to 70°C
q
1200
pA
TA = –40°C to 85°C
q
1400
pA
LT6014S8, LT6014DD
300
1600
pA
TA = 0°C to 70°C
q
2000
pA
TA = –40°C to 85°C
q
2400
pA
∆CMRR
Common Mode Rejection Ratio
LT6014
q
101
135
dB
Match (Note 7)
∆PSRR
Power Supply Rejection Ratio
LT6014
q
106
135
dB
Match (Note 7)
IS
Supply Current
per Amplifier
145
165
µA
TA = 0°C to 70°C
q
210
µA
TA = –40°C to 85°C
q
230
µA
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VS = ±15V, VCM = 0V, RL to 0V, unless otherwise specified. (Note 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com