Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM3302 Datasheet(PDF) 4 Page - Analog Devices

Part # SSM3302
Description  2 횞10 W Filterless Class-D Stereo Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3302 Datasheet(HTML) 4 Page - Analog Devices

  SSM3302 Datasheet HTML 1Page - Analog Devices SSM3302 Datasheet HTML 2Page - Analog Devices SSM3302 Datasheet HTML 3Page - Analog Devices SSM3302 Datasheet HTML 4Page - Analog Devices SSM3302 Datasheet HTML 5Page - Analog Devices SSM3302 Datasheet HTML 6Page - Analog Devices SSM3302 Datasheet HTML 7Page - Analog Devices SSM3302 Datasheet HTML 8Page - Analog Devices SSM3302 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SSM3302
Data Sheet
Rev. A | Page 4 of 20
SPECIFICATIONS
PVDD = 12 V, TA = 25oC, RL = 8 Ω + 64 μH, EDGE = AGND, gain = 9 dB, VREG = off, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
DEVICE CHARACTERISTICS
Output Power/Channel
PO
RL = 8 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, PVDD = 15 V
121
W
RL = 8 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, PVDD = 12 V
8
W
RL = 8 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, PVDD = 7 V
2.7
W
RL = 8 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, PVDD = 15 V
151
W
RL = 8 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, PVDD = 12 V
10
W
RL = 8 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, PVDD = 7 V
3.2
W
RL = 4 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, PVDD = 15 V
201
W
RL = 4 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, PVDD = 12 V
131
W
RL = 4 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, PVDD = 7 V
4.8
W
RL = 4 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, PVDD = 15 V
241
W
RL = 4 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, PVDD = 12 V
161
W
RL = 4 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, PVDD = 7 V
5.7
W
RL = 2 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, PVDD = 12 V
(mono mode)
292
W
RL = 2 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, PVDD = 7 V
(mono mode)
9.42
W
RL = 2 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, PVDD = 12 V
(mono mode)
36.62
W
RL = 2 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, PVDD = 7 V
(mono mode)
12.72
W
Efficiency
η
PO = 7 W, 8 Ω, PVDD = 12 V, EDGE = low (normal operation)
91.5
%
PO = 7 W, 8 Ω, PVDD = 12 V, EDGE = AVDD (ultralow
EMI mode)
82
%
Total Harmonic
Distortion + Noise
THD + N
PO = 5 W into 8 Ω, f = 1 kHz, PVDD = 12 V
0.01
%
Input Common-Mode
Voltage Range
VCM
1.0
AVDD − 1
V
Common-Mode
Rejection Ratio
CMRR
VCM = 2.5 V ± 100 mV at 1 kHz, output referred
43
dB
Channel Separation
XTALK
PO = 0.5 W, f = 1 kHz
80
dB
Average Switching
Frequency
fSW
300
kHz
Differential Output
Offset Voltage
VOOS
Gain = 9 dB
3.0
mV
POWER SUPPLY
Supply Voltage Range
PVDD
Guaranteed from PSRR test
7
18
V
Power Supply Rejection
Ratio
PSRRDC
PVDD = 7 V to 15 V, dc input floating
70
dB
PSRRAC
VRIPPLE = 100 mV at 1 kHz, inputs are ac grounded, CIN = 0.1 µF
80
dB
Supply Current (Stereo)
ISYPVDD
VIN = 0 V, load = 8 Ω + 68 µH, PVDD = 15 V, VREGEN = AVDD
(internal VREG active)
12.2
mA
VIN = 0 V, load = 8 Ω + 68 µH, PVDD = 15 V, VREGEN = AGND
(internal VREG disabled)
6.2
mA
VIN = 0 V, load = 8 Ω + 68 µH, PVDD = 12 V, VREGEN = AGND
(internal VREG disabled)
5
mA
VIN = 0 V, load = 8 Ω + 68 µH, PVDD = 7 V, VREGEN = AGND
(internal VREG disabled)
3
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com