Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM3302 Datasheet(PDF) 7 Page - Analog Devices

Part # SSM3302
Description  2 횞10 W Filterless Class-D Stereo Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3302 Datasheet(HTML) 7 Page - Analog Devices

Back Button SSM3302 Datasheet HTML 3Page - Analog Devices SSM3302 Datasheet HTML 4Page - Analog Devices SSM3302 Datasheet HTML 5Page - Analog Devices SSM3302 Datasheet HTML 6Page - Analog Devices SSM3302 Datasheet HTML 7Page - Analog Devices SSM3302 Datasheet HTML 8Page - Analog Devices SSM3302 Datasheet HTML 9Page - Analog Devices SSM3302 Datasheet HTML 10Page - Analog Devices SSM3302 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
SSM3302
Rev. A | Page 7 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 2. Pin Configuration (Top Side View)
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
BOOTL+
Bootstrap Input/Output for Left Channel, Noninverting Output.
2, 3
OUTL+
Noninverting Output for Left Channel.
4, 5
OUTL−
Inverting Output for Left Channel.
6
BOOTL−
Bootstrap Input/Output for Left Channel, Inverting Output.
7
AGND
Analog Ground.
8
VREG/AVDD
5 V Regulator Output (if REGEN = high)/AVDD Input (if REGEN = low).
9
SDNL
Shutdown, Left Channel. Active low digital input.
10
EDGE
Edge Control (Low Emission Mode). Active high digital input.
11
INL+
Noninverting Input for Left Channel.
12
INL−
Inverting Input for Left Channel.
13, 18
NC
This pin is not connected internally (see Figure 2).
14, 15
TEST
Test Pins. Tie to AGND.
16
MONO
Mono Output Mode Enable.
17
THERM
Overtemperature Warning (Open Collector).
19
INR−
Inverting Input for Right Channel.
20
INR+
Noninverting Input for Right Channel.
21
GAIN
Gain Select from 9 dB to 24 dB.
22
SDNR
Shutdown, Right Channel. Active low digital input.
23
REGEN
5 V Regulator Enable, Active High.
24
AGND
Analog Ground.
25
BOOTR−
Bootstrap Input/Output for Right Channel, Inverting Output.
26, 27
OUTR−
Inverting Output for Right Channel.
28, 29
OUTR+
Noninverting Output for Right Channel.
30
BOOTR+
Bootstrap Input/Output for Right Channel, Noninverting Output.
31, 32, 33, 38, 39, 40
PGND
Power Stage Ground.
34, 35, 36, 37
PVDD
Power Stage Power Supply.
Exposed Pad
Thermal Exposed Pad. Use multiple vias to connect this pad to the ground plane.
1
BOOTL+
2
OUTL+
3
OUTL+
4
OUTL–
5
OUTL–
6
BOOTL–
7
AGND
8
VREG/AVDD
9
SDNL
10
EDGE
23 REGEN
24 AGND
25 BOOTR–
26 OUTR–
27 OUTR–
28 OUTR+
29 OUTR+
30 BOOTR+
22 SDNR
21 GAIN
SSM3302
TOP VIEW
(Not to Scale)
NOTES
1. USE MULTIPLE VIAS TO CONNECT THE EXPOSED PAD
TO THE GROUND PLANE.
2. PINS LABELED NC CAN BE ALLOWED TO FLOAT,
BUT IT IS BETTER TO CONNECT THESE PINS TO
GROUND. AVOID ROUTING HIGH SPEED SIGNALS
THROUGH THESE PINS BECAUSE NOISE COUPLING
MAY RESULT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com