Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM3582 Datasheet(PDF) 49 Page - Analog Devices

Part # SSM3582
Description  2횞, 31.76 W, Digital Input, Filterless Stereo Class-D Audio Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582 Datasheet(HTML) 49 Page - Analog Devices

Back Button SSM3582 Datasheet HTML 45Page - Analog Devices SSM3582 Datasheet HTML 46Page - Analog Devices SSM3582 Datasheet HTML 47Page - Analog Devices SSM3582 Datasheet HTML 48Page - Analog Devices SSM3582 Datasheet HTML 49Page - Analog Devices SSM3582 Datasheet HTML 50Page - Analog Devices SSM3582 Datasheet HTML 51Page - Analog Devices SSM3582 Datasheet HTML 52Page - Analog Devices SSM3582 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
Data Sheet
SSM3582
Rev. 0| Page 49 of 59
Address: 0x11, Reset: 0xA8, Name: LIM_RIGHT_CTRL1
Right lim iter releas e rate
11: 800 m s /dB.
10: 1200 m s /dB.
1: 1600 m s /dB.
0: 3200 m s /dB.
Right lim iter m ode
11: Lim iter on only if VBAT<VBAT_INF_R.
10: Mute output if VBAT<VBAT_INF_R.
1: Lim iter on.
0: Lim iter off.
Right lim iter attack rate
11: 20 us /dB.
10: 30 us /dB.
1: 60 us /dB.
0: 120 us /dB.
Right thres hold battery tracking
1:
Bits in Regis ter 0x12.
VBAT<VBAT_INF_R us ing SLOPE_R
Ram p down lim iter threshold when
0:
Bits in Regis ter 0x12.
Fixed Lim iter Thres hold s et by LIM_THRES_R
Channel lim iter link
1:
(us e left lim iter controls )
Link both channels to one lim iter
0:
lim iters .
Us e independent left and right channel
0
0
1
0
2
0
3
1
4
0
5
1
6
0
7
1
[7:6] LIM_RRT_R (R/W)
[1:0] LIM_EN_R (R/W)
[5:4] LIM_ATR_R (R/W)
[2] VBAT_TRACK_R (R/W)
[3] LIM_LINK (R/W)
Table 40. Bit Descriptions for LIM_RIGHT_CTRL1
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
LIM_RRT_R
Right Limiter Release Rate
0x2
R/W
0
3200 ms/dB
1
1600 ms/dB
10
1200 ms/dB
11
800 ms/dB
[5:4]
LIM_ATR_R
Right Limiter Attack Rate
0x2
R/W
0
120 μs/dB
1
60 μs/dB
10
30 μs/dB
11
20 μs/dB
3
LIM_LINK
Channel Limiter Link
0x1
R/W
0
Use Independent Left and Right Channel Limiters
1
Link Both Channels to one Limiter (Use Left Limiter Controls)
2
VBAT_TRACK_R
Right Threshold Battery Tracking
0x0
R/W
0
Fixed Limiter Threshold set by LIM_THRES_R Bits in Register 0x12
1
Ramp down limiter threshold when VBAT < VBAT_INF_R using SLOPE_R Bits
in Register 0x12.
[1:0]
LIM_EN_R
Right Limiter Mode
0x0
R/W
0
Limiter Off
1
Limiter On
10
Mute output if VBAT < VBAT_INF_R.
11
Limiter on only if VBAT < VBAT_INF_R.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com