Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM3582 Datasheet(PDF) 11 Page - Analog Devices

Part # SSM3582
Description  2횞, 31.76 W, Digital Input, Filterless Stereo Class-D Audio Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582 Datasheet(HTML) 11 Page - Analog Devices

Back Button SSM3582 Datasheet HTML 7Page - Analog Devices SSM3582 Datasheet HTML 8Page - Analog Devices SSM3582 Datasheet HTML 9Page - Analog Devices SSM3582 Datasheet HTML 10Page - Analog Devices SSM3582 Datasheet HTML 11Page - Analog Devices SSM3582 Datasheet HTML 12Page - Analog Devices SSM3582 Datasheet HTML 13Page - Analog Devices SSM3582 Datasheet HTML 14Page - Analog Devices SSM3582 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
Data Sheet
SSM3582
Rev. 0| Page 11 of 59
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings apply at 25°C, unless otherwise noted.
Table 9.
Parameter
Rating
PVDD Supply Voltage
−0.3 V to +17 V
DVDD Supply Voltage
−0.3 V to +1.98 V
AVDD Supply Voltage
−0.3 V to +5.5 V
PGND and AGND Differential
±0.3 V
Digital Input Pins
FSYNC, BCLK, SDATA, SCL, SDA
−0.3 V to +5.5 V
Analog Input Pins
ADDRx
−0.3 V to +1.98 V
AVDD_EN
−0.3 V to +17 V
DVDD_EN
−0.3 V to +5.5 V
ESD Susceptibility
Human Body Model
2 kV
Charged Device Model
1 kV
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA (junction to air) is specified for the worst case conditions,
that is, a device soldered in a circuit board for surface-mount
packages. θJA and θJB are determined according to JESD51-9 on
a 4-layer (2s2p) printed circuit board (PCB) with natural
convection cooling.
Table 10. Thermal Resistance
Package Type
θJA
θJC
Unit
40-Lead, 6 mm × 6 mm LFCSP
27
1.1
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com