Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM3582BCPZ Datasheet(PDF) 56 Page - Analog Devices

Part # SSM3582BCPZ
Description  2횞, 31.76 W, Digital Input, Filterless Stereo Class-D Audio Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582BCPZ Datasheet(HTML) 56 Page - Analog Devices

Back Button SSM3582BCPZ Datasheet HTML 51Page - Analog Devices SSM3582BCPZ Datasheet HTML 52Page - Analog Devices SSM3582BCPZ Datasheet HTML 53Page - Analog Devices SSM3582BCPZ Datasheet HTML 54Page - Analog Devices SSM3582BCPZ Datasheet HTML 55Page - Analog Devices SSM3582BCPZ Datasheet HTML 56Page - Analog Devices SSM3582BCPZ Datasheet HTML 57Page - Analog Devices SSM3582BCPZ Datasheet HTML 58Page - Analog Devices SSM3582BCPZ Datasheet HTML 59Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 56 / 59 page
background image
SSM3582
Data Sheet
Rev. 0| Page 56 of 59
Address: 0x1C, Reset: 0x00, Name: SOFT_RESET
Full software reset
1: Perform full software reset.
0: Normal operation.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:1] RESERVED
[0] S_RST (W)
Table 51. Bit Descriptions for SOFT_RESET
Bits
Bit Name
Settings
Description
Reset
Access
[7:1]
RESERVED
Reserved
0x0
R
0
S_RST
Full Software Reset
0x0
W
0
Normal Operation
1
Perform Full Software Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com