Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8260 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # PC8260
Description  PowerPC-based Communications Processors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8260 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button PC8260 Datasheet HTML 3Page - ATMEL Corporation PC8260 Datasheet HTML 4Page - ATMEL Corporation PC8260 Datasheet HTML 5Page - ATMEL Corporation PC8260 Datasheet HTML 6Page - ATMEL Corporation PC8260 Datasheet HTML 7Page - ATMEL Corporation PC8260 Datasheet HTML 8Page - ATMEL Corporation PC8260 Datasheet HTML 9Page - ATMEL Corporation PC8260 Datasheet HTML 10Page - ATMEL Corporation PC8260 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
7
PC8260 PowerQUICC II
2131B–HIREL–02/03
Differences Between
PC860 and PC8260
The following PC860 features are not included in the PC8260:
•
On-chip crystal oscillators (must use external oscillator)
•
4 MHz oscillator (input clock must be at the bus speed)
•
Low power (standby) modes
•
Battery-backup real-time clock (must use external battery-backup clock)
•
BDM (COP offers most of the same functionality)
•
True little endian mode (except the PCI bus)
•
PCMCIA interface
•
Infrared (IR) port
•
QMC protocol in SCC (256 HDLC channels are supported by the MCCs)
•
Multiply and accumulate (MAC) block in the CPM
•
Centronics port (PIP)
•
Asynchronous HDLC protocol (optional RAM microcode)
•
Pulse-width modulated outputs
•
SCC Ethernet controller option to sample 1 byte from the parallel port when a
receive frame is complete.
•
Parallel CAM interface for SCC (Ethernet)
Serial Protocol Table
Table 1 summarizes available protocols for each serial port.
Table 1. PC8260 Serial Protocols
Port
Protocol
FCC
SCC
MCC
SMC
ATM (Utopia)
x
100BaseT
x
10BaseT
x
x
HDLC
x
x
x
HDLC_BUS
x
Transparent
x
x
x
x
UART
x
x
DPLL
x
Multichannel
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com