Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8260 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # PC8260
Description  PowerPC-based Communications Processors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8260 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button PC8260 Datasheet HTML 45Page - ATMEL Corporation PC8260 Datasheet HTML 46Page - ATMEL Corporation PC8260 Datasheet HTML 47Page - ATMEL Corporation PC8260 Datasheet HTML 48Page - ATMEL Corporation PC8260 Datasheet HTML 49Page - ATMEL Corporation PC8260 Datasheet HTML 50Page - ATMEL Corporation PC8260 Datasheet HTML 51Page - ATMEL Corporation PC8260 Datasheet HTML 52Page - ATMEL Corporation PC8260 Datasheet HTML 53Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
49
PC8260 PowerQUICC II
2131B–HIREL–02/03
Status
Limiting Values
Limiting values given are in accordance with the Absolute Maximum Rating System
(IEC 134). Stress above one or more of the limiting values may cause permanent dam-
age to the device. These are stress ratings only and operation of the device at these or
at any other conditions above those given in the Characteristics sections of the specifi-
cation is not implied. Exposure to limiting values for extended periods may affect device
reliability.
Application Information
Where application information is given, it is advisory and does not form part of the
specification.
Life Support Applications
These products are not designed for use in life support appliances, devices, or systems
where malfunction of these products can reasonably be expected to result in personal
injury. ATMEL-Grenoble customers using or selling these products for use in such appli-
cations do so at their own risk and agree to fully indemnify Atmel-Grenoble for any
damages resulting from such improper use or sale.
Table 17. Datasheet Status
Datasheet Status
Validity
Objective Specification
This datasheet contains target and goal specification for
discussion with customer and application validation.
Valid before design phase
Target Specification
This datasheet contains target or goal specifications for
product development.
Valid during the design phase
Preliminary Specification
∝ Site
This datasheet contains preliminary data. Additional data
may be published later. This could include simulation
results.
Valid before the characterization
phase
Preliminary Specification
β Site
This datasheet also contains characterization results.
Valid before the industrialization
phase.
Product Specification
This datasheet contains final product specifications.
Valid for production purposes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com