Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM431SCIMFX Datasheet(PDF) 1 Page - ON Semiconductor

Part # LM431SCIMFX
Description  Programmable Shunt Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM431SCIMFX Datasheet(HTML) 1 Page - ON Semiconductor

  LM431SCIMFX Datasheet HTML 1Page - ON Semiconductor LM431SCIMFX Datasheet HTML 2Page - ON Semiconductor LM431SCIMFX Datasheet HTML 3Page - ON Semiconductor LM431SCIMFX Datasheet HTML 4Page - ON Semiconductor LM431SCIMFX Datasheet HTML 5Page - ON Semiconductor LM431SCIMFX Datasheet HTML 6Page - ON Semiconductor LM431SCIMFX Datasheet HTML 7Page - ON Semiconductor LM431SCIMFX Datasheet HTML 8Page - ON Semiconductor LM431SCIMFX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2018
July, 2018 − Rev. 8
1
Publication Order Number:
LM431SA/D
LM431SA, LM431SB,
LM431SC
Programmable Shunt
Regulator
Description
The LM431SA / LM431SB / LM431SC are three−terminal the
output adjustable regulators with thermal stability over operating
temperature range. The output voltage can be set any value between
VREF (approximately 2.5 V) and 36 V with two external resistors.
These devices have a typical dynamic output impedance of 0.2
W.
Active output circuit provides a sharp turn−on characteristic, making
these devices excellent replacement for zener diodes in many
applications.
Features
• Programmable Output Voltage to 36 V
• Low Dynamic Output Impedance: 0.2 W (Typical)
• Sink Current Capability: 1.0 to 100 mA
• Equivalent Full−Range Temperature Coefficient of 50 ppm/°C
(Typical)
• Temperature Compensated for Operation Over Full Rated Operating
Temperature Range
• Low Output Noise Voltage
• Fast Turn−on Response
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
ORDERING INFORMATION
Product Number
Output Voltage
Tolerance
Operating
Temperature
Top Mark(1)
Package
Shipping†
LM431SACMFX
2%
−25 to +85
_C
43A
□
SOT−23FL 3L
Tape and Reel
LM431SACM3X
43L
◎
SOT−23 3L
LM431SACM32X
43G
◎
SOT−23 3L
LM431SBCMLX
1%
43B
SOT−89 3L
LM431SBCMFX
43B
□
SOT−23FL 3L
LM431SBCM3X
43M
◎
SOT−23 3L
LM431SBCM32X
43H
◎
SOT−23 3L
LM431SCCMLX
0.5%
43C
SOT−89 3L
LM431SCCMFX
43C
□
SOT−23FL 3L
LM431SCCM3X
43N
◎
SOT−23 3L
LM431SCCM32X
43J
◎
SOT−23 3L
LM431SAIMFX
2%
−40 to +85
_C
43AI
SOT−23FL 3L
LM431SBIMFX
1%
43BI
SOT−23FL 3L
LM431SCIMFX
0.5%
43CI
SOT−23FL 3L
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.
1. SOT−23 and SOT−23FL have basically four−character marking except LM431SAIMFX. (3 letters for device code + 1 letter for date code)
SOT−23FL date code is composed of 1 digit numeric or alphabetic week code adding bar−type year code.
www.onsemi.com
SOT−89
CASE 528AH
1
1
2
3
SOT−23FL
CASE 419BD
SOT−23
CASE 318BM
1
2
3
1. Ref
2. Anode
3. Cathode
1. Cathode
2. Ref
3. Anode
M32
1. Ref
2. Cathode
3. Anode
M3
1. Cathode
2. Ref
3. Anode


Similar Part No. - LM431SCIMFX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM431SC FAIRCHILD-LM431SC Datasheet
88Kb / 10P
Programmable Shunt Regulator
LM431SC FAIRCHILD-LM431SC Datasheet
222Kb / 11P
Programmable Shunt Regulator
LM431SC FAIRCHILD-LM431SC Datasheet
117Kb / 11P
Programmable Shunt Regulator
LM431SCCM32X FAIRCHILD-LM431SCCM32X Datasheet
420Kb / 12P
Programmable Shunt Regulator
LM431SCCM3X FAIRCHILD-LM431SCCM3X Datasheet
420Kb / 12P
Programmable Shunt Regulator
More results

Similar Description - LM431SCIMFX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA431 FAIRCHILD-KA431 Datasheet
90Kb / 12P
Programmable Shunt Regulator
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
Programmable Shunt Regulator
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
Programmable Shunt Regulator
LM336-2.5 FAIRCHILD-LM336-2.5 Datasheet
60Kb / 6P
Programmable Shunt Regulator
LM336Z25 FAIRCHILD-LM336Z25 Datasheet
178Kb / 6P
Programmable Shunt Regulator
LM336-5.0 FAIRCHILD-LM336-5.0 Datasheet
64Kb / 6P
Programmable Shunt Regulator
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
Programmable Shunt Regulator
logo
ON Semiconductor
KA431S ONSEMI-KA431S Datasheet
457Kb / 11P
Programmable Shunt Regulator
March 2015 Rev. 6.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com