Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM431SCIMFX Datasheet(PDF) 3 Page - ON Semiconductor

Part # LM431SCIMFX
Description  Programmable Shunt Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM431SCIMFX Datasheet(HTML) 3 Page - ON Semiconductor

  LM431SCIMFX Datasheet HTML 1Page - ON Semiconductor LM431SCIMFX Datasheet HTML 2Page - ON Semiconductor LM431SCIMFX Datasheet HTML 3Page - ON Semiconductor LM431SCIMFX Datasheet HTML 4Page - ON Semiconductor LM431SCIMFX Datasheet HTML 5Page - ON Semiconductor LM431SCIMFX Datasheet HTML 6Page - ON Semiconductor LM431SCIMFX Datasheet HTML 7Page - ON Semiconductor LM431SCIMFX Datasheet HTML 8Page - ON Semiconductor LM431SCIMFX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LM431SA, LM431SB, LM431SC
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS (Note 6, Values are at TA = 25°C unless otherwise noted)
Symbol
Parameter
Conditions
LM431SA
LM431SB
LM431SC
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
VREF
Reference Input
Voltage
VKA = VREF, IKA = 10 mA
2.450 2.500 2.550 2.470 2.495 2.520 2.482 2.495 2.508
V
DVREF / DT
Deviation of Refer-
ence Input Voltage
Over− Tempera-
ture
VKA = VREF,
IKA = 10 mA
TMIN
≤ TA ≤ TMAX
SOT−89
SOT−23FL
4.5
17.0
4.5
17.0
4.5
17.0
mV
SOT−23
6.6
24
6.6
24
6.6
24
mV
DVREF /
DVKA
Ratio of Change in
Reference Input
Voltage to the
Change in Cath-
ode Voltage
IKA =10 mA
DVKA =
10 V−VREF
−1.0
−2.7
−1.0
−2.7
−1.0
−2.7
mV/V
DVKA =
36 V − 10 V
−0.5
−2.0
−0.5
−2.0
−0.5
−2.0
IREF
Reference Input
Current
IKA = 10 mA, R1 = 10 K
W, R
2 =
∞
1.5
4.0
1.5
4.0
1.5
4.0
μA
DIREF / DT
Deviation of Refer-
ence Input Current
Over Full Temper-
ature Range
IKA = 10 mA,
R1 = 10 K
W,
R2 =
∞,
TA = Full Range
SOT−89
SOT−23FL
0.4
1.2
0.4
1.2
0.4
1.2
μA
SOT−23
0.8
2.0
0.8
2.0
0.8
2.0
μA
IKA(MIN)
Minimum Cathode
Current for Regu-
lation
VKA = VREF
0.45
1.00
0.45
1.00
0.45
1.00
mA
IKA(OFF)
Off −Stage Cath-
ode Current
VKA = 36 V, VREF = 0
0.05
1.00
0.05
1.00
0.05
1.00
μA
ZKA
Dynamic Imped-
ance
VKA = VREF
, I
KA = 1 to 100 mA,
f
≥ 1.0 kHz
0.15
0.50
0.15
0.50
0.15
0.50
W
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
6. LM431SAI, LM431SBI, LM431SCI: − TA(min) = −40
_C, TA(max) = +85_C
All other pins: − TA(min) = −25
_C, TA(max) = +85_C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com