Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR1U40LP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SBR1U40LP
Description  1.0A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR1U40LP Datasheet(HTML) 2 Page - Diodes Incorporated

  SBR1U40LP Datasheet HTML 1Page - Diodes Incorporated SBR1U40LP Datasheet HTML 2Page - Diodes Incorporated SBR1U40LP Datasheet HTML 3Page - Diodes Incorporated SBR1U40LP Datasheet HTML 4Page - Diodes Incorporated SBR1U40LP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SBR1U400P1
Document number: DS31877 Rev. 5 - 2
2 of 5
www.diodes.com
March 2018
© Diodes Incorporated
SBR1U400P1
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
400
V
Average Rectified Output Current (See Figure 1)
IO
1.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
40
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Maximum Thermal Resistance Junction to Ambient (Note 5)
RθJA
217
°C/W
Maximum Thermal Resistance Junction to Ambient (Note 6)
RθJA
138
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage
VF
—
—
0.82
—
0.90
0.80
V
IF = 1.0A, TJ = +25°C
IF = 1.0A, TJ = +125°C
Reverse Current (Note 7)
IR
—
—
0.013
0.073
0.05
0.36
2
mA
VR = 400V, TJ = +25°C
VR = 400V, TJ = +85°C
VR = 400V, TJ = +125°C
Reverse Recovery Time
tRR
—
—
85
ns
IF = 0.5A, IR = 1A,
IRR = 0.25A
Notes:
5. FR-4 PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com/package-outlines.html.
6. Polymide PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com/package-outlines.html.
7. Short duration pulse test used to minimize self-heating effect.
0
50
100
150
200
250
300
350 400
0.01
0.1
1
10
100
1,000
I
,
I
N
S
T
A
N
T
A
N
E
O
U
S
R
E
V
E
R
S
E
C
U
R
R
E
N
T
(
µ
A
)
R
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Figure 2 Typical Reverse Characteristics
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0.0001
0.001
0.01
0.1
1
10
0
200
400
600
800
1000
1200
Figure 1 Typical Forward Characteristics
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
I
,
I
N
S
T
A
N
T
A
N
E
O
U
S
F
O
R
W
A
R
D
C
U
R
R
E
N
T
(
A
)
F
T = 25°C
A
T = 125°C
A
T = 150°C
A
T = 85°C
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com