Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR1U40LP Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SBR1U40LP
Description  1.0A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR1U40LP Datasheet(HTML) 3 Page - Diodes Incorporated

  SBR1U40LP Datasheet HTML 1Page - Diodes Incorporated SBR1U40LP Datasheet HTML 2Page - Diodes Incorporated SBR1U40LP Datasheet HTML 3Page - Diodes Incorporated SBR1U40LP Datasheet HTML 4Page - Diodes Incorporated SBR1U40LP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SBR1U400P1
Document number: DS31877 Rev. 5 - 2
3 of 5
www.diodes.com
March 2018
© Diodes Incorporated
SBR1U400P1
10
100
V , DC REVERSE VOLTAGE (V)
R
Figure 3 Total Capacitance vs. Reverse Voltage
0.1
1
10
100
f=1MHz
0
0.2
0.4
0.6
0.8
1.0
1.2
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (癈 )
A
Figure 4 Forward Current Derating Curve
Note 6
V , DC REVERSE VOLTAGE (V)
R
Figure 5 Operating Temperature Derating
0
25
50
75
100
125
150
0
40
80 120 160 200 240 280 320 360 400
Note 6
(°C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com