Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1308 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA1308
Description  Class AB stereo headphone driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1308 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA1308 Datasheet HTML 1Page - NXP Semiconductors TDA1308 Datasheet HTML 2Page - NXP Semiconductors TDA1308 Datasheet HTML 3Page - NXP Semiconductors TDA1308 Datasheet HTML 4Page - NXP Semiconductors TDA1308 Datasheet HTML 5Page - NXP Semiconductors TDA1308 Datasheet HTML 6Page - NXP Semiconductors TDA1308 Datasheet HTML 7Page - NXP Semiconductors TDA1308 Datasheet HTML 8Page - NXP Semiconductors TDA1308 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2002 Jul 19
5
Philips Semiconductors
Product specification
Class AB stereo headphone driver
TDA1308; TDA1308A
CHARACTERISTICS
VDD =5V; VSS =0V; Tamb =25 °C; fi = 1 kHz; RL =32 Ω; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDD
supply voltage
TDA1308
single
3.0
5.0
7.0
V
dual
1.5
2.5
3.5
V
supply voltage
TDA1308A
single
2.4
5.0
7.0
V
dual
1.2
2.5
3.5
V
VSS
negative supply voltage
−1.5
−2.5
−3.5
V
IDD
supply current
no load
−
35mA
Ptot
total power dissipation
no load
−
15
25
mW
DC characteristics
VI(os)
input offset voltage
−
10
−
mV
Ibias
input bias current
−
10
−
pA
VCM
common mode voltage
0
−
3.5
V
Gv
open-loop voltage gain
RL =5kΩ−
70
−
dB
IO
maximum output current
(THD + N)/S < 0.1%
−
60
−
mA
RO
output resistance
−
0.25
−Ω
VO
output voltage swing
note 1
0.75
−
4.25
V
RL =16 Ω
1.5
−
3.5
V
RL =5kΩ
0.1
−
4.9
V
PSRR
power supply rejection ratio
fi = 100 Hz;
Vripple(p-p) = 100 mV
−
90
−
dB
αcs
channel separation
−
70
−
dB
RL =5kΩ−
105
−
dB
CL
load capacitance
−−
200
pF
AC characteristics
(THD + N)/S total harmonic distortion plus
noise-to-signal ratio
note 2
−−70
−65
dB
−
0.03
0.06
%
note 3
−−52
−40
dB
−
0.25
1.0
%
RL =5kΩ; note 2
−−101
−
dB
−
0.0009
−
%
S/N
signal-to-noise ratio
100
110
−
dB
fG
unity gain frequency
open-loop; RL =5kΩ−
5.5
−
MHz
Po
maximum output power
(THD + N)/S < 0.1%
−
60
−
mW
Ci
input capacitance
−
3
−
pF
SR
slew rate
unity gain inverting
−
5
−
V/
µs
B
power bandwidth
unity gain inverting
−
20
−
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com