Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1308 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA1308
Description  Class AB stereo headphone driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1308 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA1308 Datasheet HTML 2Page - NXP Semiconductors TDA1308 Datasheet HTML 3Page - NXP Semiconductors TDA1308 Datasheet HTML 4Page - NXP Semiconductors TDA1308 Datasheet HTML 5Page - NXP Semiconductors TDA1308 Datasheet HTML 6Page - NXP Semiconductors TDA1308 Datasheet HTML 7Page - NXP Semiconductors TDA1308 Datasheet HTML 8Page - NXP Semiconductors TDA1308 Datasheet HTML 9Page - NXP Semiconductors TDA1308 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2002 Jul 19
6
Philips Semiconductors
Product specification
Class AB stereo headphone driver
TDA1308; TDA1308A
Notes
1. Values are proportional to VDD; (THD + N)/S < 0.1%.
2. VDD = 5.0 V; VO(p-p) = 3.5 V (at 0 dB).
3. VDD = 2.4 V; VO(p-p) = 1.13 V (at −7.96 dBV); for TDA1308A only.
TEST AND APPLICATION INFORMATION
handbook, full pagewidth
MKA782
1
2
3
5
6
7
4
8
RL
VOUTA
VDD
VINA
VINB
Vref
(typ. 2.5 V)
RL
VOUTB
3.9 k
Ω
3.9 k
Ω
3.9 k
Ω
3.9 k
Ω
100
µF
100
µF
C6
100
µF
TDA1308(A)
Fig.4 Measurement circuit for inverting application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com