Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1308T Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA1308T
Description  Class AB stereo headphone driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1308T Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA1308T Datasheet HTML 1Page - NXP Semiconductors TDA1308T Datasheet HTML 2Page - NXP Semiconductors TDA1308T Datasheet HTML 3Page - NXP Semiconductors TDA1308T Datasheet HTML 4Page - NXP Semiconductors TDA1308T Datasheet HTML 5Page - NXP Semiconductors TDA1308T Datasheet HTML 6Page - NXP Semiconductors TDA1308T Datasheet HTML 7Page - NXP Semiconductors TDA1308T Datasheet HTML 8Page - NXP Semiconductors TDA1308T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2002 Jul 19
4
Philips Semiconductors
Product specification
Class AB stereo headphone driver
TDA1308; TDA1308A
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1. Human body model: C = 100 pF; R = 1500
Ω; 3 pulses positive plus 3 pulses negative.
2. Machine model: C = 200 pF: L = 0.5 mH: R = 0
Ω; 3 pulses positive plus 3 pulses negative.
THERMAL CHARACTERISTICS
QUALITY SPECIFICATION
In accordance with
“UZW-BO/FQ-0601”. The numbers of the quality specification can be found in the “Quality Reference
Handbook”. The handbook can be ordered using the code 9398 510 63011.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
supply voltage
0
8.0
V
tSC(O)
output short-circuit duration
Tamb =25 °C; Ptot =1W
20
−
s
Tstg
storage temperature
−65
+150
°C
Tamb
operating ambient temperature
−40
+85
°C
Vesd
electrostatic discharge
note 1
−2000
+2000
V
note 2
−200
+200
V
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
DIP8
109
K/W
SO8
210
K/W
TSSOP8
220
K/W
handbook, full pagewidth
MKA781
A1
A2
M2
M3
M6
M5
M4
I1
Cm
VDD
INA/B(neg)
INA/B(pos)
OUTA/B
VSS
D4
M1
D3
D2
D1
Fig.3 Equivalent schematic diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com