Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1308T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA1308T
Description  Class AB stereo headphone driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1308T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA1308T Datasheet HTML 4Page - NXP Semiconductors TDA1308T Datasheet HTML 5Page - NXP Semiconductors TDA1308T Datasheet HTML 6Page - NXP Semiconductors TDA1308T Datasheet HTML 7Page - NXP Semiconductors TDA1308T Datasheet HTML 8Page - NXP Semiconductors TDA1308T Datasheet HTML 9Page - NXP Semiconductors TDA1308T Datasheet HTML 10Page - NXP Semiconductors TDA1308T Datasheet HTML 11Page - NXP Semiconductors TDA1308T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
2002 Jul 19
8
Philips Semiconductors
Product specification
Class AB stereo headphone driver
TDA1308; TDA1308A
handbook, halfpage
3
Po
(mW)
4
VDD (V)
5
100
10
20
40
60
MKA786
RL = 16 Ω
32
Ω
8
Ω
Fig.8 Output power as a function of supply voltage.
handbook, halfpage
−110
−90
−70
−50
MKA787
10−1
10−2
10−3
10−4
10−5
fi (Hz)
(THD
+N)/S
(dB)
RL = 5 kΩ; VO(p-p) = 3.5 V
RL = 32 Ω; Po = 50 mW
RL = 16 Ω; Po = 50 mW
Fig.9 Total harmonic distortion plus noise-to-signal ratio as a function of input frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com