Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EALP05RDJYA3 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # EALP05RDJYA3
Description  High efficiency.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EALP05RDJYA3 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  EALP05RDJYA3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EALP05RDJYA3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EALP05RDJYA3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EALP05RDJYA3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EALP05RDJYA3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EALP05RDJYA3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EALP05RDJYA3 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EALP05RDJYA3 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EALP05RDJYA3 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DATASHEET
Lamp
EALP05RDJYA3
5
Copyright © 2010, Everlight Americas Inc. All Rights Reserved. Release Date : 26.Nov.2012. Issue No: 1 Rev:1
www.everlightamericas.com
Package Dimension
1
Cathode
Anode
2
1
2
Note:
˙Other dimensions are in millimeters, tolerance is 0.25mm except being specified.
˙Protruded resin under flange is 1.5mm Max LED.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com