Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EALP05RDJYA3 Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # EALP05RDJYA3
Description  High efficiency.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EALP05RDJYA3 Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

  EALP05RDJYA3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EALP05RDJYA3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EALP05RDJYA3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EALP05RDJYA3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EALP05RDJYA3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EALP05RDJYA3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EALP05RDJYA3 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EALP05RDJYA3 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EALP05RDJYA3 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DATASHEET
Lamp
EALP05RDJYA3
8
Copyright © 2010, Everlight Americas Inc. All Rights Reserved. Release Date : 26.Nov.2012. Issue No: 1 Rev:1
www.everlightamericas.com
Prehead
laminar wave
Fluxing
Recommended soldering profile
Avoiding applying any stress to the lead frame while the LEDs are at high temperature particularly when soldering.
Dip and hand soldering should not be done more than one time
After soldering the LEDs, the epoxy bulb should be protected from mechanical shock or vibration until the LEDs return
to room temperature.
A rapid-rate process is not recommended for cooling the LEDs down from the peak temperature.
Although the recommended soldering conditions are specified in the above table, dip or handsoldering at the lowest
possible temperature is desirable for the LEDs.
Wave soldering parameter must be set and maintain according to recommended temperature and dwell time in the
solder wave.
4.
Cleaning
When necessary, cleaning should occur only with isopropyl alcohol at room temperature for a duration of no more than
one minute. Dry at room temperature before use.
Do not clean the LEDs by the ultrasonic. When it is absolutely necessary, the influence of ultrasonic cleaning on the
LEDs depends on factors such as ultrasonic power and the assembled condition. Ultrasonic cleaning shall be
pre-qualified to ensure this will not cause damage to the LED
5.
Heat Management
Heat management of LEDs must be taken into consideration during the design stage of LED application. The current
should be de-rated appropriately by referring to the de-rating curve found in each product specification.
The temperature surrounding the LED in the application should be controlled. Please refer to the data sheet de-rating
curve.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com