Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFT05MS004N Datasheet(PDF) 14 Page - NXP Semiconductors

Part # AFT05MS004N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT05MS004N Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button AFT05MS004N Datasheet HTML 10Page - NXP Semiconductors AFT05MS004N Datasheet HTML 11Page - NXP Semiconductors AFT05MS004N Datasheet HTML 12Page - NXP Semiconductors AFT05MS004N Datasheet HTML 13Page - NXP Semiconductors AFT05MS004N Datasheet HTML 14Page - NXP Semiconductors AFT05MS004N Datasheet HTML 15Page - NXP Semiconductors AFT05MS004N Datasheet HTML 16Page - NXP Semiconductors AFT05MS004N Datasheet HTML 17Page - NXP Semiconductors AFT05MS004N Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
14
RF Device Data
Freescale Semiconductor, Inc.
AFT05MS004NT1
350–520 MHz UHF BROADBAND REFERENCE CIRCUIT
C1
L1
L2
C3
C2
C4
C5
R1
R2
C6
B1
B2
C7
L3
C8
C9
L4
L5
C10
C12
C11
J1
Figure 15. AFT05MS004NT1 UHF Broadband Reference Circuit Component Layout — 350–520 MHz
D56664
AFT05MS004N Rev. 0 (350–520 MHz)
Q1
Table 14. AFT05MS004NT1 UHF Broadband Reference Circuit Component Designations and Values — 350–520 MHz
Part
Description
Part Number
Manufacturer
B1, B2
RF Beads
2743019447
Fair--Rite
C1, C10
18 pF Chip Capacitors
GQM2195C2E180FB12D
Murata
C5, C8, C12
100 pF Chip Capacitors
GQM2195C2E101GB12D
Murata
C2, C3
15 pF Chip Capacitors
GQM2195C2E150FB12D
Murata
C4
56 pF Chip Capacitor
GQM2195C2E560GB12D
Murata
C6
1 F Chip Capacitor
GRM31CR72A105KA01L
Murata
C7
10 F Chip Capacitor
GRM31CR61H106KA12L
Murata
C9
39 pF Chip Capacitor
GQM2195C2E390GB12D
Murata
C11
5.1 pF Chip Capacitor
GQM2195C2E5R1BB12D
Murata
J1
Breakaway Header, Right--Angle 3 Pins
22-28-8360
Molex
L1, L2
5.5 nH Inductors
0806SQ5N5
Coilcraft
L3
16.6 nH Inductor
0908SQ17N
Coilcraft
L4
2.55 nH Inductor
0906--3JLC
Coilcraft
L5
8.1 nH Inductor
0908SQ8N1
Coilcraft
Q1
RF Power LDMOS Transistor
AFT05MS004NT1
Freescale
R1, R2
22 , 1/10 W Chip Resistors
RR1220Q--220--D
Susumu
PCB
0.020, r = 4.8, FR4 (S--1000)
D56664
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com